Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5347BCCZN-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF5347BCCZN-R7
Description  High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5347BCCZN-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADRF5347BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Data Sheet
ADRF5347
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 15
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
Absolute Maximum Ratings...................................5
Thermal Resistance........................................... 5
Electrostatic Discharge (ESD) Ratings...............5
ESD Caution.......................................................5
Pin Configuration and Function Descriptions........ 6
Interface Schematics..........................................6
Typical Performance Characteristics..................... 7
Insertion Loss, Return Loss, and Isolation......... 7
Input Third-Order Intercept...............................10
Theory of Operation.............................................11
Power Supply................................................... 11
RF Input and Output......................................... 11
Timing Specifications....................................... 12
Application Information........................................ 13
Recommendations for PCB Design..................13
Back-to-Back Phase Shifter Reference
Design............................................................ 14
Outline Dimensions............................................. 15
Ordering Guide.................................................15
Evaluation Boards............................................ 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com