Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5347BCCZN-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5347BCCZN-R7
Description  High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5347BCCZN-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5347BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
ADRF5347
APPLICATION INFORMATION
analog.com
Rev. 0 | 13 of 15
The ADRF5347 has two power-supply pins (VDD and VSS) and
three control pins (V1, V2, and LS). Figure 25 shows the external
components and connections for the supply and control pins. The
VDD and VSS pins are decoupled with a 100 pF and 4.7 μF multilay-
er ceramic capacitors. The control pins V1 and V2 are decoupled
with 100 pF multilayer ceramic capacitors, while the LS control pin
can be left floating or tied to ground. The device pinout allows
to place the decoupling capacitors close to the device. No other
external components are needed for bias and operation, except DC
blocking capacitors on the RF pins when the RF lines are biased
at a voltage different than 0 V. For more details, see the Table 5
section.
Figure 25. Recommended Schematic
RECOMMENDATIONS FOR PCB DESIGN
The RF ports are matched to 50 Ω internally and the pinout is
designed to mate a coplanar waveguide (CPWG) with 50 Ω charac-
teristic impedance on the PCB. Figure 26 shows the referenced
CPWG RF trace design for an RF substrate with 10 mil thick
Rogers RO4350 dielectric material. An RF trace with 18 mil width
and 13 mil clearance is recommended for the 2.7 mil finished
copper thickness.
Figure 26. Example PCB Stack-Up
Figure 27 shows the routing of the RF traces, supply, and control
signals from the device. The ground planes are connected with as
many filled, through vias as allowed for optimal RF and thermal
performance. The primary thermal path for the device is the bottom
side.
Figure 27. PCB Routings
Figure 28 shows the recommended layout from the device RF pins
to the 50 Ω CPWG on the referenced stack-up. The ground pads
are drawn as solder mask defined and the signal pads are drawn
as pad defined. The RF trace from the PCB pad is extended with
the same width and tapered to the RF trace with a 45° angle.
The paste mask is also designed to match the pad without any
aperture reduction. The paste is divided into multiple openings for
the paddle.
Figure 28. Recommended RF Pin Transitions
For alternate PCB stack-ups with different dielectric thickness and
CPWG design, contact Analog Devices Technical Support for fur-
ther recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com