Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5347BCCZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5347BCCZN-R7
Description  High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5347BCCZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5347BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5347BCCZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Data Sheet
ADRF5347
THEORY OF OPERATION
analog.com
Rev. 0 | 12 of 15
TIMING SPECIFICATIONS
ADRF5347's integrated control circuitry is triggered whenever any
control inputs (V1, V2, and LS) are changed and switching is initiat-
ed. After the trigger instance, the control inputs must settle their
final values within tPROG and hold for tHOLD. Switching completes
after tON/OFF and full RF power can be applied afterwards.
The switch state is defined after tPROG and any further change
on the control inputs is not processed by the control circuitry until
tDEAD elapses. Within the tDEAD duration, control inputs can still be
programmed and the control circuitry is triggered once the switch is
ready for a new state if the programmed state is different than the
existing state.
Figure 24. Timing Diagram
Table 7. Timing Specifications
Parameter Description
Min Typ Max Unit
tPROG
Programming time
10
ns
tHOLD
Hold time
20
ns
tDEAD
Dead time
1.3
2
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com