Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL162C Datasheet(PDF) 3 Page - SPANSION

Part # AM29BL162C
Description  16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BL162C Datasheet(HTML) 3 Page - SPANSION

  AM29BL162C Datasheet HTML 1Page - SPANSION AM29BL162C Datasheet HTML 2Page - SPANSION AM29BL162C Datasheet HTML 3Page - SPANSION AM29BL162C Datasheet HTML 4Page - SPANSION AM29BL162C Datasheet HTML 5Page - SPANSION AM29BL162C Datasheet HTML 6Page - SPANSION AM29BL162C Datasheet HTML 7Page - SPANSION AM29BL162C Datasheet HTML 8Page - SPANSION AM29BL162C Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
This Data Sheet states AMD’s current specifications regarding the Products described herein. This Data Sheet may
be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 22142
Rev: F Amendment/+8
Issue Date: July 8, 2005
Am29BL162C
16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
DISTINCTIVE CHARACTERISTICS
32 words sequential with wrap around
(linear 32), bottom boot
One 8 Kword, two 4 Kword, one 112 Kword, and
seven 128 Kword sectors
Single power supply operation
— Regulated voltage range: 3.0 to 3.6 volt read and
write operations and for compatibility with high
performance 3.3 volt microprocessors
Read access times
Burst access times as fast as 17 ns at industrial
temperature range (18 ns at extended
temperature range)
Initial/random access times as fast as 65 ns
Alterable burst length via BAA# pin
Power dissipation (typical)
— Burst Mode Read: 15 mA @ 25 MHz,
20 mA @ 33 MHz, 25 mA @ 40 MHz
— Program/Erase: 20 mA
— Standby mode, CMOS: 3 µA
5 V-tolerant data, address, and control signals
Sector Protection
— Implemented using in-system or via
programming equipment
— Temporary Sector Unprotect feature allows code
changes in previously locked sectors
Unlock Bypass Program Command
— Reduces overall programming time when
issuing multiple program command sequences
Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies data at specified addresses
Minimum 100,000 erase cycle guarantee
per sector
20-year data retention
CFI (Common Flash Interface) compliant
— Provides device-specific information to the
system, allowing host software to easily
reconfigure for different Flash devices
Compatibility with JEDEC standards
— Pinout and software compatible with single-
power supply Flash
— Superior inadvertent write protection
— Backward-compatible with AMD Am29LVxxx
and Am29Fxxx flash memories: powers up in
asynchronous mode for system boot, but can
immediately be placed into burst mode
Data# Polling and toggle bits
— Provides a software method of detecting
program or erase operation completion
Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting
program or erase cycle completion
Erase Suspend/Erase Resume
— Suspends an erase operation to read data from,
or program data to, a sector that is not being
erased, then resumes the erase operation
Hardware reset pin (RESET#)
— Hardware method to reset the device for reading
array data
Package Option
— 56-pin SSOP
Refer to AMD’s Website (www.amd.com) for the latest information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com