Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL162C Datasheet(PDF) 49 Page - SPANSION

Part # AM29BL162C
Description  16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BL162C Datasheet(HTML) 49 Page - SPANSION

Back Button AM29BL162C Datasheet HTML 42Page - SPANSION AM29BL162C Datasheet HTML 43Page - SPANSION AM29BL162C Datasheet HTML 44Page - SPANSION AM29BL162C Datasheet HTML 45Page - SPANSION AM29BL162C Datasheet HTML 46Page - SPANSION AM29BL162C Datasheet HTML 47Page - SPANSION AM29BL162C Datasheet HTML 48Page - SPANSION AM29BL162C Datasheet HTML 49Page - SPANSION AM29BL162C Datasheet HTML 50Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
July 8, 2005
Am29BL162C
47
DA T A
SH EET
Revision F (June 20, 2000)
Global
The “preliminary” designation has been removed from
the document. Parameters are now stable, and only
speed, package, and temperature range combinations
are expected to change in future data sheet revisions.
Distinctive Characteristics
Changed burst access time specification for the 65R
speed option in the industrial temperature range from
19 to 18 ns.
Product Selector Guide
Replaced tOE with tBACC to more clearly distinguish
burst mode access from asynchronous access times.
Note however, that in burst mode, tOE and tBACC spec-
ifications are identical. Changed tBACC for the 65R
speed option in the industrial temperature range from
19 to 18 ns.
Ordering Information
Burn-in processing is no longer available.
Requirements for Reading Array Data Array in
Asynchronous (Non-Burst) Mode
Clarified the description of how to terminate a burst
mode read operation.
Burst Mode Read with 40 MHz CLK figure
Changed tBACC for the 65R speed option in the indus-
trial temperature range from 19 to 18 ns.
Read Operations table
Changed tOE and tDF for the 65R speed option in the
industrial temperature range from 19 to 18 ns.
Burst Mode Read table
Changed tOE and tBACC for the 65R speed option in the
industrial temperature range from 19 to 18 ns.
Burst Mode Read figure
Corrected BAA# waveform to return high before the
final clock cycle shown.
Erase and Programming Performance table, Erase
and Program Operations table, Alternate CE#
Controlled Erase and Program Operations table
Resolved differences in typical sector erase times. The
typical sector erase time for all sectors is 3 sec.
Revision F+1 (November 21, 2000)
Added table of contents. Added Figure 1, In-System
Sector Protect/Unprotect Algorithms figure to docu-
ment (was missing from previous revisions).
Revision F+2 (July 22, 2002)
Pin Description, IND# End of Burst Indicator
Clarified description of IND# function.
Table 1, Device Bus Operations
In burst read operations section, changed BAA# to “H”
for “Load star ting Burst Address” and Terminate
Current Burst Read Cycle; Start New Burst Read
Cycle.”
Requirements for Reading Array Data in
Synchronous (Burst) Mode
Modified section to clarify the description of the IND#
and burst read functions.
Burst Sequence Table
Deleted table.
Absolute Maximum Ratings
Modified maximum DC voltage and maximum positive
overshoot in Note 1 to refer to input and I/O pins.
Revision F+3 (August 19, 2002)
Product Selector Guide
Added Note #2.
Revision F+4 (September 12, 2002)
Product Selector Guide
Removed Note #2.
Revision F+5 (November 22, 2002)
Distinctive Characteristics
Changed endurance to 1 million cycles.
Erase Suspend/Erase Resume Command
Sequence
Noted that only asynchronous reads are allowed during
the erase suspend mode.
Erase/Program Operations table, Alternate CE#
Controlled Erase/Program Operations table
Changed typical sector erase time from 3 s to 1 s.
Erase and Programming Performance
Changed typical/maximum sector erase time from 3
s/60 s to 1 s/15 s, respectively. Changed typical chip
erase time from 40 s to 15 s. Changed endurance to 1
million cycles. Added Asynchronous mode and Burst
mode sections.
Revision F+6 (June 10, 2004)
Ordering Information
Changed temperature range from -55
°C to -40°C.
Revision F+7 (October 29, 2004)
Ordering Information
Added:
F= Industrial –40°C to +°85C) for Pb-free Package
K= Extended –55°C to +125°C) for Pb-free Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com