Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL162C Datasheet(PDF) 6 Page - SPANSION

Part # AM29BL162C
Description  16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BL162C Datasheet(HTML) 6 Page - SPANSION

Back Button AM29BL162C Datasheet HTML 2Page - SPANSION AM29BL162C Datasheet HTML 3Page - SPANSION AM29BL162C Datasheet HTML 4Page - SPANSION AM29BL162C Datasheet HTML 5Page - SPANSION AM29BL162C Datasheet HTML 6Page - SPANSION AM29BL162C Datasheet HTML 7Page - SPANSION AM29BL162C Datasheet HTML 8Page - SPANSION AM29BL162C Datasheet HTML 9Page - SPANSION AM29BL162C Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
4
Am29BL162C
July 8, 2005
DA T A
SH EET
PRODUCT SELECTOR GUIDE
Note:
1. See “AC Characteristics” for full specifications.
BLOCK DIAGRAM
Family Part Number
Am29BL162C
Speed
Option
Regulated Voltage Range: VCC =3.0–3.6 V
65R
70R
90R
120R
Temperature Range: Industrial (I), Extended (E)
I
E
I, E
I, E
I, E
Max access time, ns (tACC)65
70
90
120
Max CE# access time, ns (tCE)65
70
90
120
Max burst access time, ns (tBACC)
1718
242626
Burst
State
Counter
Burst
Address
Counter
LBA#
BAA#
CLK
VCC
VSS
State
Control
Command
Register
PGM Voltage
Generator
VCC Detector
Timer
Erase Voltage
Generator
Input/Output
Buffers
IND#
Buffer
Sector
Switches
Chip Enable
Output Enable
Logic
Y-Gating
Cell Matrix
Y-Decoder
X-Decoder
Data Latch
RESET#
RY/BY#
IND#
STB
STB
A0–A19
A0–A2
A3, A4
CE#
OE#
WE#
DQ0–DQ15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com