Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BL162C Datasheet(PDF) 48 Page - SPANSION

Part # AM29BL162C
Description  16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BL162C Datasheet(HTML) 48 Page - SPANSION

Back Button AM29BL162C Datasheet HTML 42Page - SPANSION AM29BL162C Datasheet HTML 43Page - SPANSION AM29BL162C Datasheet HTML 44Page - SPANSION AM29BL162C Datasheet HTML 45Page - SPANSION AM29BL162C Datasheet HTML 46Page - SPANSION AM29BL162C Datasheet HTML 47Page - SPANSION AM29BL162C Datasheet HTML 48Page - SPANSION AM29BL162C Datasheet HTML 49Page - SPANSION AM29BL162C Datasheet HTML 50Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
46
Am29BL162C
July 8, 2005
DA T A
SH EET
REVISION SUMMARY
Revision A (September 1998)
Initial release.
Revision B (December 1998)
Global
Expanded data sheet into full version.
Revision C (December 1998)
Global
Added a separate set of read access specifications for
devices at industrial temperature range. Changed read
access specifications for 90 and 120 ns devices at
extended temperature range to 28 ns.
Ordering Information
Deleted commercial temperature rating.
Revision D (May 17, 1999)
Global
Changed data sheet status to preliminary. Deleted the
70R speed option. Deleted the 70 speed option at
extended temperature range. Added the 90R and 120R
speed options at extended temperature range. Deleted
the 90 and 120 speed options at extended temperature
range.
Distinctive Characteristics
Changed device endurance from program/erase cycles
to erase cycles.
Block Diagram
Deleted redundant path between state control and
erase voltage generator. Added sector switch block.
Deleted RY/BY# buffer. VCC and VSS are now shown
properly.
Pin Configuration
Clarified the explanation of IND#.
Device Bus Operations
Reorganized and rewrote the following subsections:
Requirements for Reading Array Data, Read Mode,
Burst Mode Read, IND# End of Burst Indicator, and
Burst Mode Status. “Reading Array Data in Non-burst
Mode”. The Burst Mode Status section is now inte-
grated into the autoselect mode section.
Device Bus Operations table: In the notes, deleted ref-
erence to BYTE# pin.
Sector Address table: Added sector address bit set-
tings for A19–A12.
Common Flash Memory Interface (CFI)
Corrected data for the following hex CFI addresses: 28,
38, 39, 3C.
Command Definitions
Reorganized and rewrote the “Reading Array Data”
section into two sections entitled “Reading Array Data
in Non-burst Mode” and “Reading Array Data in Burst
Mode”. Added burst mode read figures comparing
system frequency and device speed. Added burst
mode status to autoselect command sequence in
command definitions table.
Absolute Maximum Ratings
Corrected the maximum VCC rating to +4.0 V, and the
maximum all other pins rating to +5.5 V.
DC Characteristics table
Corrected the maximum rating for VIH to 5.5 V.
AC Characteristics
In the read operations and burst mode operations
tables, reflected the global changes in speed options
(see the “global” revision entry).
Burst Mode Read figure
Corrected figure. Deleted note; OE# and BAA# should
not be tied together. LBA# should be returned high
after it coincides with a rising edge of CLK. BAA#
should not be asserted before the first word of data
appears on the bus. The data is held on the outputs for
only tBDH after the next clock.
Revision D+1 (July 2, 1999)
Command Definitions
Reading Array Data in Burst Mode: Added reference to
figure 3 to the first paragraph.
Revision E (November 2, 1999)
Global
All speed options are now offered only at the regulated
voltage range of 3.0 to 3.6 V. The 90 and 120 ns speed
options now have a tOE of 26 ns at the industrial tem-
perature range. The 70R speed option is now available
at the extended temperature range.
AC Characteristics
In figures 17 and 18, deleted tGHWL. Modified OE#
waveform.
Physical Dimensions
Updated drawing of SSOP to new version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com