Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL129H88 Datasheet(PDF) 48 Page - SPANSION

Part # AM29PDL129H88
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control and Dual chip Enable
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL129H88 Datasheet(HTML) 48 Page - SPANSION

Back Button AM29PDL129H88 Datasheet HTML 41Page - SPANSION AM29PDL129H88 Datasheet HTML 42Page - SPANSION AM29PDL129H88 Datasheet HTML 43Page - SPANSION AM29PDL129H88 Datasheet HTML 44Page - SPANSION AM29PDL129H88 Datasheet HTML 45Page - SPANSION AM29PDL129H88 Datasheet HTML 46Page - SPANSION AM29PDL129H88 Datasheet HTML 47Page - SPANSION AM29PDL129H88 Datasheet HTML 48Page - SPANSION AM29PDL129H88 Datasheet HTML 49Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
46
Am29PDL129H
November 2, 2005
REVISION SUMMARY
Revision A (September 30, 2002)
Initial release.
Revision A+1 (October 30, 2002)
Product Selector Guide
Modified format of product selector guide table.
Ordering Information
Changed TBD to VK under the package type classifi-
cation.
Added VK packages to Valid Combinations table.
Global
Changed 55 speed option to 53, changed 65 speed
option to 63 and 68.
Table 1. Am29PDL127H Device Bus Operations
Added note #2.
Requirements for Reading Array Data
Reworded Page Mode Read section
Common Flash Memory Interface (CFI)
Changed wording in last sentence of third paragraph
from, “...the autoselect mode.” to “...reading array
data.”
Changed CFI website address.
Command Definitions
Changed wording in last sentence of first paragraph
from, “...resets the device to reading array data.” to
...”may place the device to an unknown state. A reset
command is then required to return the device to
reading array data.”
Customer Lockable: SecSi Sector NOT
Programmed or Protected at the factory.
Added second bullet, SecSi sector-protect verify text
and Figure 3.
SecSi Sector Flash Memory Region and Enter
SecSi Sector/Exit SecSi Sector Command
Sequence
Added notes, “Note that the ACC function and unlock
bypass modes are not available when the SecSi sector
is enabled.”
Sector Erase Command Sequence and Chip Erase
Command Sequence
Added “”
Table 14. “Memory Array Command Definitions
Changed the first address of the unlock bypass reset
command sequence from BA to XXX.
CMOS Compatible
Added ILR parameter to table.
Deleted IACC parameter from table.
Revision A+2 (January 24, 2003)
Ordering Information
Corrected the ordering part number and package
markings for the 83 and 88 speed options.
Revision A+3 (February 26, 2003)
Table 16. Test Specifications
Updated output load capacitance.
Revision A + 4 (April 22, 2003)
Inserted and revised cross references.
Revision A+5 (June 20, 2003)
Distinctive Characteristics
Changed the active read current to 55 mA.
Product Selector Guide
Added row to table to expand speed options and allow
for another VCC range.
Physical Dimensions
Removed the LAA064 package.
Revision B (July 29, 2003)
Global
Changed most CE# references to CE1#.
Changed Bank C to Bank 1A, Bank D to Bank 1B,
Bank A to Bank 2A, and Bank B to Bank 2B.
Sector Configuration Table
Corrected CE1# and CE2# bank references.
Table 4. Am29PDL129H Sector Architecture
Changed the Bank order to 1A, 1B, 2A, and 2B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com