Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL129H88 Datasheet(PDF) 23 Page - SPANSION

Part # AM29PDL129H88
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control and Dual chip Enable
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL129H88 Datasheet(HTML) 23 Page - SPANSION

Back Button AM29PDL129H88 Datasheet HTML 19Page - SPANSION AM29PDL129H88 Datasheet HTML 20Page - SPANSION AM29PDL129H88 Datasheet HTML 21Page - SPANSION AM29PDL129H88 Datasheet HTML 22Page - SPANSION AM29PDL129H88 Datasheet HTML 23Page - SPANSION AM29PDL129H88 Datasheet HTML 24Page - SPANSION AM29PDL129H88 Datasheet HTML 25Page - SPANSION AM29PDL129H88 Datasheet HTML 26Page - SPANSION AM29PDL129H88 Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
November 2, 2005
Am29PDL129H
21
tion of the two. Because only AMD can program and
protect the factory-locked area, this method ensures
the security of the ESN once the product is shipped to
the field. Contact an AMD representative for details on
using AMD’s ExpressFlash service. Note that the ACC
function and unlock bypass modes are not available
when the SecSi Sector is enabled.
Customer-Lockable Area (64 words)
The customer-lockable area of the SecSi Sector
(000040h-00007Fh) is shipped unprotected, which al-
lows the customer to program and optionally lock the
area as appropriate for the application. The SecSi
Sector Customer-locked Indicator Bit (DQ6) is shipped
as “0” and can be permanently locked to “1” by issuing
the SecSi Protection Bit Program Command. The
SecSi Sector can be read any number of times, but
can be programmed and locked only once. Note that
the accelerated programming (ACC) and unlock by-
pass functions are not available when programming
the SecSi Sector.
The Customer-lockable area can be protected using
one of the following procedures:
Follow the SecSi Sector Protection Algorithm as
shown in . This allows in-system protection of the
SecSi Sector without raising any device pin to a high
voltage. Note that this method is only applicable to the
SecSi Sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com