Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL129H88 Datasheet(PDF) 20 Page - SPANSION

Part # AM29PDL129H88
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control and Dual chip Enable
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL129H88 Datasheet(HTML) 20 Page - SPANSION

Back Button AM29PDL129H88 Datasheet HTML 16Page - SPANSION AM29PDL129H88 Datasheet HTML 17Page - SPANSION AM29PDL129H88 Datasheet HTML 18Page - SPANSION AM29PDL129H88 Datasheet HTML 19Page - SPANSION AM29PDL129H88 Datasheet HTML 20Page - SPANSION AM29PDL129H88 Datasheet HTML 21Page - SPANSION AM29PDL129H88 Datasheet HTML 22Page - SPANSION AM29PDL129H88 Datasheet HTML 23Page - SPANSION AM29PDL129H88 Datasheet HTML 24Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
18
Am29PDL129H
November 2, 2005
Table 5.
Addresses
Table 6.
Autoselect Codes (High Voltage Method)
Legend: L = Logic Low = VIL, H = Logic High = VIH, BA = Bank Address, SA = Sector Address, X = Don’t care. Note: The autoselect codes may also
be accessed in-system via command sequences
Table 7.
Am29PDL129H Boot Sector/Sector Block
Addresses for Protection/Unprotection
CE1# Control
SA2-119
1
0
1110000XXX
32
380000h–387FFFh
SA2-120
1
0
1110001XXX
32
388000h–38FFFFh
SA2-121
1
0
1110010XXX
32
390000h–397FFFh
SA2-122
1
0
1110011XXX
32
398000h–39FFFFh
SA2-123
1
0
1110100XXX
32
3A0000h–3A7FFFh
SA2-124
1
0
1110101XXX
32
3A8000h–3AFFFFh
SA2-125
1
0
1110110XXX
32
3B0000h–3B7FFFh
SA2-126
1
0
1110111XXX
32
3B8000h–3BFFFFh
SA2-127
1
0
1111000XXX
32
3C0000h–3C7FFFh
SA2-128
1
0
1111001XXX
32
3C8000h–3CFFFFh
SA2-129
1
0
1111010XXX
32
3D0000h–3D7FFFh
SA2-130
1
0
1111011XXX
32
3D8000h–3DFFFFh
SA2-131
1
0
1111100XXX
32
3E0000h–3E7FFFh
SA2-132
1
0
1111101XXX
32
3E8000h–3EFFFFh
SA2-133
1
0
1111110XXX
32
3F0000h–3F7FFFh
SA2-134
1
0
1111111XXX
32
3F8000h–3FFFFFh
Table 4.
Am29PDL129H Sector Architecture
Bank
Sector
CE1#
CE2#
Sector Address (A21-
A12)
Sector Size
(Kwords)
Address Range (x16)
Sector Size
Address Range
Am29PDL129H
128 words
000000h–00007Fh
Factory-Locked Area
64 words
000000h-00003Fh
Customer-Lockable Area
64 words
000040h-00007Fh
Description
CE1#
CE2#
OE#
WE#
A21
to
A12
A10
A9
A8
A7
A6
A5
to
A4
A3
A2
A1
A0
DQ15
to DQ0
Manufacturer ID:
AMD
LH
LH
X
X
VID
X
L
L
X
L
L
L
L
0001h
HL
Read
Cycle 1
LH
LH
X
X
VID
XL
L
L
L
L
L
H
227Eh
HL
Read
Cycle 2
LH
H
H
H
L
2221h
HL
Read
Cycle 3
LH
H
H
H
H
2200h
HL
Sector Protection
Verification
LH
LH
SA
X
VID
XL
L
L
L
L
H
L
0001h (protected),
0000h (unprotected)
HL
Indicator Bit
(DQ7, DQ6)
LH
LH
X
X
VID
XX
L
X
L
L
H
H
00C0h (factory and
customer locked),
0080h (factory
locked)
HL
Sector
Group
A21-12
Sector/Sector Block
Size
SA1-0–SA1-3
00000XXXXX
128 (4x32) Kwords



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com