Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PDL129H88 Datasheet(PDF) 11 Page - SPANSION

Part # AM29PDL129H88
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control and Dual chip Enable
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDL129H88 Datasheet(HTML) 11 Page - SPANSION

Back Button AM29PDL129H88 Datasheet HTML 7Page - SPANSION AM29PDL129H88 Datasheet HTML 8Page - SPANSION AM29PDL129H88 Datasheet HTML 9Page - SPANSION AM29PDL129H88 Datasheet HTML 10Page - SPANSION AM29PDL129H88 Datasheet HTML 11Page - SPANSION AM29PDL129H88 Datasheet HTML 12Page - SPANSION AM29PDL129H88 Datasheet HTML 13Page - SPANSION AM29PDL129H88 Datasheet HTML 14Page - SPANSION AM29PDL129H88 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
November 2, 2005
Am29PDL129H
9
DEVICE BUS OPERATIONS
Table 1.
Am29PDL129H Device Bus Operations
Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 11.5–12.5 V, VHH = 8.5–9.5 V, X = Don’t Care, SA = Sector Address,
AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. The sector protect and sector unprotect functions may also be implemented via programming equipment. .
2. WP#/ACC must be high when writing to sectors SA1-133, SA1-134, SA2-0, or SA2-1.
Random Read (Non-Page Read)
Address access time (tACC) is equal to the delay from
stable addresses to valid output data. The chip enable
access time (tCE) is the delay from the stable ad-
dresses and stable CE# to valid data at the output in-
puts. The output enable access time is the delay from
the falling edge of the OE# to valid data at the output
inputs (assuming the addresses have been stable for
at least tACC–tOE time).
Page Mode Read
The device is capable of fast page mode read and is
compatible with the page mode Mask ROM read oper-
ation. This mode provides faster read access speed
for random locations within a page. Address bits A21–
A3 select an 8-word page, and address bits A2–A0 se-
lect a specific work within that page. This is an asyn-
chronous operation with the microprocessor supplying
the specific word location.
The random or initial page access is tACC or tCE and
subsequent page read accesses (as long as the loca-
tions specified by the microprocessor fall within that
page) are tPACC. When CE1# and CE2# are deas-
serted (CE1#=CE2#=VIH), the reassertion of CE1# or
CE2# for subsequent access has access time of tACC
or tCE. Here again, CE1#/CE2# selects the device and
OE# is the output control and should be used to gate
data to the output inputs if the device is selected. Fast
page mode accesses are obtained by keeping A21–
A3 constant and changing A2 to A0 to select the spe-
cific word within that page.
Table 2.
Page Select
Simultaneous Operation
In addition to the conventional features (read, pro-
gram, erase-suspend read, and erase-suspend pro-
gram), the device is capable of reading data from one
bank of memory while a program or erase operation is
in progress in another bank of memory (simultaneous
operation), The bank can be selected by bank ad-
dresses (A21–A20) with zero latency.
The simultaneous operation can execute multi-func-
tion mode in the same bank.
Operation
CE1#
CE2#
OE#
WE#
RESET#
WP#/ACC
Addresses
(A21–A0)
DQ15–
DQ0
Read
LH
LH
H
X
AIN
DOUT
HL
Write
LH
HL
H
X
(Note 2)
AIN
DIN
HL
Standby
VIO±
0.3 V
VIO ±
0.3 V
XX
VIO ±
0.3 V
XX
High-Z
Output Disable
L
L
H
H
H
X
X
High-Z
Reset
X
X
X
X
L
X
X
High-Z
Temporary Sector Unprotect (High
Voltage)
XX
X
X
VID
XAIN
DIN
Word
A2
A1
A0
Word 0
0
0
0
Word 1
0
0
1
Word 2
0
1
0
Word 3
0
1
1
Word 4
1
0
0
Word 5
1
0
1
Word 6
1
1
0
Word 7
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com