Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS16 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # JS16
Description  Floating Joint
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JS16 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button JS16 Datasheet HTML 3Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 4Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 5Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 6Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 7Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 8Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 9Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 10Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
JA Series
Made to Order: Individual Specifications
Please contact SMC for detailed dimensions, specifications and lead times.
JA series standard type floating joint which is used for pneumatic cylinders (ø180, ø200)
* This product is dedicated to the pneumatic cylinders.
For Pneumatic Cylinders (ø180, ø200)
-X530
Symbol
1
Basic Type: JA
Dimensions
Applicable
bore size
Model
M
A
B
D
E
F
G
H
Center of
sphere
R
Maximum
screw-in
depth
P
Allowable
eccentricity
U
Maximum operating
tensile and
compressive force
(N)
Weight
(kg)
Nominal
size
Pitch
180
JA180-40-150-X530
40
1.5
191
61
96
16
36
28
70
118
49
3
71000
5.3
200
JA200-45-150-X530
45
1.5
191
61
96
16
36
28
70
118
49
3
71000
5.4
JA 180
200 --X530
H
G
P
A
B
E
M
Center of
sphere
Width across
flats
F
M
R
(mm)
How to Order
JA F 180 40-150
Mounting type
Nil
Basic type
F
Flange type
L
Foot type
Applicable bore size
Symbol
Applicable
bore size
180
180 mm
200
200 mm
Nominal thread size
Nominal
thread size
Applicable cylinder
nominal thread size
40-150
M40 x 1.5
45-150
M45 x 1.5
For pneumatic cylinders (ø180, ø200)
Applicable
bore size
(mm)
Model
Applicable
cylinder
nominal thread
size
Maximum operating tensile
and compressive force (N)
Allowable
eccentricity
(
U)
Rotating
angle
Ambient
temperature
Basic type Flange type Foot type
180
JA
180-40-150-X530 M40 x 1.5
71000
55000
55000
3
5
°
−5 to 60
°C
200
JA
200-45-150-X530 M45 x 1.5
Model/Specifications
Specifications
Operating pressure Pneumatic cylinder: 1 MPa or less
Mounting
Basic type, Flange type, Foot type
Operating range
Axial
center
Center of
sphere
X530
1149
J
D-
-X
Technical
Data
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com