Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS16 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # JS16
Description  Floating Joint
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JS16 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button JS16 Datasheet HTML 5Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 6Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 7Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 8Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 9Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 10Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 11Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 12Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
JAH series
JAHL series
(Foot type)
JAHF series
(Flange type)
Precautions
Mounting
Warning
Maintenance
Warning
Specifications
Specifications
Standard/Thread nominal size
Semi-standard/Thread nominal size
JAH
40-16-150
JAH
50-20-150
JAH
63-24-150
JAH
80-30-150
JAH
100-39-150
JAH
100-48-150
40
50
63
80
100
100
JAH
63-24-200
JAH
80-30-200
JAH
100-42-300
63
80
100
M24 x 2
M30 x 2
M42 x 3
2
2.5
3
M16 x 1.5
M20 x 1.5
M24 x 1.5
M30 x 1.5
M39 x 1.5
M48 x 1.5
1.25
2
2
2.5
3
3
How to Order
JA H
16-150
20-150
24-150
30-150
39-150
48-150
M16 x 1.5
M20 x 1.5
M24 x 1.5
M30 x 1.5
M39 x 1.5
M48 x 1.5
40
F
16-150
40
50
63
80
100
40
50
63
80
100
Operating
pressure
Hydraulic cylinder:
7 MPa or less
Basic type, Flange type, Foot type
Mounting
Operating range
Center of sphere
Axial center
Model
Applicable
bore size
(mm)
Applicable
cylinder
nominal
thread size
Maximum operating tension
and compression force (N)
Basic type Flange type Foot type
Rotating
angle
Ambient
temperature
Allowable
eccentricity
U (mm)
±5°
±5°
Heavy load type
Mounting type
Nil
F
L
Basic type
Flange type
Foot type
Applicable bore size (mm)
Model Symbol
Applicable bore size
(mm)
X11
High temperature specifications
–5 to 100
°C
Option
Nil
None
Thread nominal size
(Standard)
Nominal
thread size
Applicable cylinder
nominal thread size
Be sure to read this before handling
the products. Refer to back page 50
for Safety Instructions.
1. To screw the male threads of the rod into the female
threads of the socket or the case, make sure that it
does not bottom out. If the floating joint is used with its
rod bottomed out, the stud will not be able to float,
causing damage. For the screw-in depth of the female
threads, refer to the dimensions (page 1152). As a
rule, after the rod bottoms out, back off 1 to 2 turns.
2. The dust cover may adhere to the stud. In this
case, move the dust cover at the neck of the
stud by the finger or twist the stud slightly left or
right to break in the dust cover before use.
Additionally, when screwing the stud and socket
or the case into a driven body, screw in such
parts with the dust cover removed. When
screwing in such parts without removing the dust
cover, this may cause damage to the dust cover.
3. To use a floating joint to connect the cylinder rod to
a driven body, secure it in place by applying a
torque that is appropriate for the thread size. Also, if
there is a risk of loosening during operation, take
measures to prevent loosening, such as using a
locking pin or thread adhesive.
In the event that the connected portion becomes
loose, the driven body might lose control or fall off,
leading to equipment damage or injury to personnel.
4. This product is not a rotary joint. So, the product cannot
be used for rotational or rotation acting applications.
5. Be sure to use the cushion mechanism of the cylinder
or the buffer mechanism, such as the shock absorber
so that any impact force is not applied to the floating
joint when stopping a driven body. If there is no buffer
mechanism, an excessive impact force is generated.
As a result, the tensile compression force of the
floating joint may exceed its maximum level.
1. Do not reuse if disassembled.
High strength adhesive is applied to the portion
of the connection that is threaded to prevent it
from
loosening,
and
it
must
not
be
disassembled. If it is forcefully disassembled, it
could lead to damage.
28000
54000
71000
22000
36000
55000
22000
36000
55000
11000
18000
28000
54000
71000
71000
9000
14000
22000
36000
55000
55000
9000
14000
22000
36000
55000
55000
Floating Joint: Heavy Load Type
JAH Series
RoHS
-5 to 60
°C
1. The black zinc chromate treatment is applied to
the material surfaces of the case, flange and foot.
However, the white deposit may rarely occur on
the surface. This white deposit does not affect the
product functions. However, if the white deposit
becomes a problem from a viewpoint of appear-
ance, special products with the surface treatment
changed to the electroless nickel plating are also
available. For details, please contact SMC.
Caution
1151
J
D-
-X
Technical
Data
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com