Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS16 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # JS16
Description  Floating Joint
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JS16 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button JS16 Datasheet HTML 7Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 8Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 9Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 10Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 11Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 12Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 13Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 14Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
40
50
63
80
100
100
JAHF40-16-150
JAHF50-20-150
JAHF63-24-150
JAHF80-30-150
JAHF100-39-150
JAHF100-48-150
16
20
24
30
39
48
1.5
1.5
1.5
1.5
1.5
1.5
76
89
106
131
152
159
18
18
24
38
42
49
1.25
2
2
2.5
3
3
1.25
2.5
2.8
5.2
9
9.3
M
A
63
80
100
JAHF63-24-200
JAHF80-30-200
JAHF100-42-300
24
30
42
2
2
3
106
131
152
75
100
100
125
150
150
B
100
125
150
50
62
72
82
100
100
C
72
82
100
50
59.5
66
79
96
96
D
66
79
96
15
18
21
24
29
29
T
21
24
29
11
14
18
18
22
22
J
18
18
22
16
16
20
22
24
28
G
20
22
24
32
32
41
46
55
70
H
41
46
55
24
38
42
2
2.5
3
2.8
5.2
9
43
52
60
73.5
86
86
60
73.5
86
(mm)
40
50
63
80
100
100
JAHL40-16-150
JAHL50-20-150
JAHL63-24-150
JAHL80-30-150
JAHL100-39-150
JAHL100-48-150
16
20
24
30
39
48
1.5
1.5
1.5
1.5
1.5
1.5
98.5
123
155
187
213
220
18
24
24
38
42
49
1.25
2
2
2.5
3
3
1.09
2.03
4.1
6.4
10
10.5
M
A
70
80
88
96
116
116
B
28
35
38
45
55
55
C
50
59.5
66
79
96
96
D
42
48
54
60
74
74
E
36
44
48
48
F
86
107
102
125
144
151
K
25
32
70
80
90
90
L
47
58
69
79
89
89
T
2
2
4
4
4
4
N
14
16
18
18
22
22
J
16
20
20
22
24
28
G
32
41
41
46
55
70
H
63
80
100
JAHL63-24-200
JAHL80-30-200
JAHL100-42-300
24
30
42
2
2
3
155
187
213
88
96
116
38
45
55
66
79
96
54
60
74
36
44
48
102
125
144
70
80
90
69
79
89
4
4
4
18
18
22
20
22
24
41
46
55
24
38
42
2
2.5
3
4.1
6.4
10
53
65
56
67.5
78
78
56
67.5
78
(mm)
Applicable
bore size
(mm)
Model
Nominal
size
Pitch
Weight
(kg)
Allowable
eccentricity
U
Maximum
thread depth
P
Maximum
operating
tension and
compression
force (N)
Center of
sphere
R
Standard: Heavy Load Type Hydraulic: Up to 7 MPa
Semi-standard: Heavy Load Type Hydraulic: Up to 7 MPa
Applicable
bore size
(mm)
Model
Nominal
size Pitch
Weight
(kg)
Allowable
eccentricity
U
Maximum
thread depth
P
Maximum
operating
tension and
compression
force (N)
Center of
sphere
R
Standard: Heavy Load Type Hydraulic: Up to 7 MPa
Semi-standard: Heavy Load Type Hydraulic: Up to 7 MPa
9000
14000
22000
36000
55000
55000
22000
36000
55000
9000
14000
22000
36000
55000
55000
22000
36000
55000
Flange Type: JAHF
JAHF40 to 100
Foot Type: JAHL
JAHL40, 50
JAHL63 to 100
Floating Joint: Heavy Load Type
JAH Series
x
Center of sphere
R
Center of sphere
R
x
x
Center of sphere
R
1153
J
D-
-X
Technical
Data
J
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com