Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS16 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # JS16
Description  Floating Joint
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JS16 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button JS16 Datasheet HTML 9Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 10Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 11Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 12Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 13Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 14Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 15Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 16Page - List of Unclassifed Manufacturers JS16 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Specifications
JS series
Precautions
Mounting
Warning
Maintenance
Warning
Specifications
Operating range
JS10-4-070
JS16-5-080
JS20-8-125
JS32-10-125
JS40-14-150
JS63-18-150
10
10, 16
20
25, 32
40
50, 63
M4 x 0.7
M5 x 0.8
M8 x 1.25
M10 x 1.25
M14 x 1.5
M18 x 1.5
80
210
1100
2500
6000
11000
0.5
0.5
0.5
0.5
0.75
1
–
–5 to 70
°C
J S 32
Applicable bore size
(mm)
10
10, 16
20
25, 32
40
50, 63
Dust cover material
10-125
Nominal thread size
4-070
5-080
8-125
10-125
14-150
18-150
Applicable cylinder
nominal thread size
M4 x 0.7
M5 x 0.8
M8 x 1.25
M10 x 1.25
M14 x 1.5
M18 x 1.5
How to Order
Operating
pressure
Pneumatic cylinder:
1 MPa or less
Hydraulic cylinder:
3.5 MPa or less
Basic type
Mounting
Be sure to read this before handling
the products. Refer to back page 50
for Safety Instructions.
1. For the screw-in depth of the female threads,
refer to the dimensions (page 1158).
2. The dust cover may adhere to the stud. In this case,
move the dust cover at the neck of the stud by the
finger or twist the stud slightly left or right to break
in the dust cover before use.
Additionally, when screwing the stud and socket or
the case into a driven body, screw in such parts
with the dust cover removed. When screwing in
such parts without removing the dust cover, this
may cause damage to the dust cover.
3. To use a floating joint to connect the cylinder rod to
a driven body, secure it in place by applying a
torque that is appropriate for the thread size. Also, if
there is a risk of loosening during operation, take
measures to prevent loosening, such as using a
locking pin or thread adhesive.
In the event that the connected portion becomes
loose, the driven body might lose control or fall off,
leading to equipment damage or injury to personnel.
4. This product is not a rotary joint. So, the product cannot
be used for rotational or rotation acting applications.
5. Be sure to use the cushion mechanism of the cylinder
or the buffer mechanism, such as the shock absorber
so that any impact force is not applied to the floating
joint when stopping a driven body. If there is no buf-
fer mechanism, an excessive impact force is gener-
ated. As a result, the tensile compression force of the
floating joint may exceed its maximum level.
1. Do not reuse if disassembled.
High strength adhesive is applied to the portion of
the connection that is threaded to prevent it from
loosening, and it must not be disassembled. If it
is forcefully disassembled, it could lead to
damage.
Model
Applicable
bore size
(mm)
Applicable
cylinder
nominal
thread size
Allowable
eccentricity
U (mm)
Operating pressure
pneumatic
cylinder
Hydraulic
cylinder
Ambient
temperature
Maximum
operating
tension and
compression
force (N)
(1)
1 MPa
or less 3.5 MPa
or less
(2)
Note1) Think of applicable bore size as a guide. For details, confirm the rod end thread diameter
of a cylinder to be used in the catalog.
Note 2) For 3.5 MPa hydraulic cylinders, operate within the maximum tension and compression
force.
Stainless
steel type Applicable
bore size (mm)
Symbol
10
16
20
32
40
63
Symbol
Nil
S
Material
Fluororubber
Silicone rubber
Symbol
Center of sphere
Axial center
Floating Joint: Stainless Steel Type
JS Series
RoHS
Stainless steel 304
Cylinder connection threads
No leakage of water, etc., from
the threads into the interior.
Internal grease:
Using for food processing machinery
Dust cover (fluororubber, silicone rubber)
• The shape of the cover prevents residual liquid.
• Improved sealing
80
100
Made to Order: Individual Specifications -X530
Note) For details, refer to page 1159.
For pneumatic cylinders
80
100
Note)
1156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com