Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5537GL Datasheet(PDF) 7 Page - Leadtrend Technology

Part # LD5537GL
Description  Green-Mode PWM Controller with Variable Frequency and Brown IN/OUT Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5537GL Datasheet(HTML) 7 Page - Leadtrend Technology

Back Button LD5537GL Datasheet HTML 3Page - Leadtrend Technology LD5537GL Datasheet HTML 4Page - Leadtrend Technology LD5537GL Datasheet HTML 5Page - Leadtrend Technology LD5537GL Datasheet HTML 6Page - Leadtrend Technology LD5537GL Datasheet HTML 7Page - Leadtrend Technology LD5537GL Datasheet HTML 8Page - Leadtrend Technology LD5537GL Datasheet HTML 9Page - Leadtrend Technology LD5537GL Datasheet HTML 10Page - Leadtrend Technology LD5537GL Datasheet HTML 11Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LD5537
09/07/2015
7
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5537-DS-01 September 2015
PARAMETER
CONDITIONS
Symbol
MIN
TYP
MAX
UNITS
Gate Drive Output (OUT Pin)
Output Low Level
VCC=15V, IO=20mA
VO_L
1
V
Output High Level
VCC=15V, IO=20mA
VO_H
8
15
V
Output High Clamp Level
VCC=20V
VO_HC
13
15
17
V
Rising Time
Load
Capacitance=1000pF
Tr
--
150
250
ns
Falling Time
Load
Capacitance=1000pF
Tf
50
100
ns
Source capability
*, Load Capacitance=33nF
IO_SOURCE
300
mA
Sink capability
*, Load Capacitance=33nF
IO_SINK
500
mA
Max. Duty
DMAX
80
85
90
%
OPP (Over Power Protection)
OPP Trip Level
VCOMP_OPP
4.5
4.7
4.9
V
OPP Delay Time
Excluding soft start time
TD_OPP
35
40
45
ms
OCP (Over Current Protection)
OCP Delay Time
TD_OCP
100
110
120
ms
OSCP (Output Short Circuit Protection)
OSCP Trip Level
VOSCP
0.735
0.75
0.765
V
OSCP Delay Time
Excluding soft start time.
TD_OSCP
6
8
10
Cycle
Brownout Protection (BNO Pin)
Brownout Turn-On Trip Level
VCC>12.5V
VBNI
1.40
V
Brownout Turn-Off Trip Level
VBNO
1.3
V
BNO Pin De-bounce Time
TD_BNO
40
45
50
ms
On Chip OTP (Over Temperature)
OTP Level
(2)
TOTP
140
C
OTP Hysteresis
(2)
TH_OTP
30
C
Soft Start Duration
Soft Start Duration
*
TSS
7
ms
Notes:
1.
* : guaranteed by design
2. The threshold temperature for enabling the output again and resetting the latch after OTP has been activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com