Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5537GL Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD5537GL
Description  Green-Mode PWM Controller with Variable Frequency and Brown IN/OUT Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5537GL Datasheet(HTML) 1 Page - Leadtrend Technology

  LD5537GL Datasheet HTML 1Page - Leadtrend Technology LD5537GL Datasheet HTML 2Page - Leadtrend Technology LD5537GL Datasheet HTML 3Page - Leadtrend Technology LD5537GL Datasheet HTML 4Page - Leadtrend Technology LD5537GL Datasheet HTML 5Page - Leadtrend Technology LD5537GL Datasheet HTML 6Page - Leadtrend Technology LD5537GL Datasheet HTML 7Page - Leadtrend Technology LD5537GL Datasheet HTML 8Page - Leadtrend Technology LD5537GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LD5537
09/07/2015
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5537-DS-01 September 2015
Green-Mode PWM Controller with Variable Frequency
and Brown IN/OUT Protections
REV. 01
General Description
The LD5537 is built with several functions, protection and
EMI-improved solution in a tiny package. It takes less
component counts or circuit space, especially in the ideal
for those total solutions of low cost.
The implemented functions include low startup current,
green-mode
power-saving
operation,
leading-edge
blanking of the current sensing and internal slope
compensation.
It also features more protections like
OPP (Over Power Protection), OCP (Over Current
Protection), OSCP (Output Short Circuit Protection) and
OVP (Over Voltage Protection) to prevent circuit damage
occurred under abnormal conditions.
Furthermore, the Frequency Swapping function is to
reduce the noise level and thus helps the power circuit
designers to easily deal with the EMI filter design by
spending minimum amount of component cost and
developing time.
Features
 High-Voltage CMOS Process with Excellent ESD
protection
 Very Low Startup Current (<12
A)
 Current Mode Control
 Green Mode Control
 UVLO (Under Voltage Lockout)
 Variable Frequency Technology around 130kHz
 LEB (Leading-Edge Blanking) on CS Pin
 Internal Frequency Swapping
 Internal Slope Compensation
 OVP (Over Voltage Protection) on VCC Pin
 BNO/BNI (Brown-Out/In) Function
 OPP (Over Power Protection)
 OCP (Over Current Protection)
 OSCP (Short circuit protection)
 300mA/-500mA Driving Capability
Applications
 Switching AC/DC Adaptor and Battery Charger
 Open Frame Switching Power Supply
Typical Application
EMI
Filter
BNO
OUT
CS/OVP
VCC
GND
COMP
LD5537
photocoupler
AC
input
DC
Output


Similar Part No. - LD5537GL

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD5537G1 LEADTREND-LD5537G1 Datasheet
773Kb / 15P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
REV: 00
LD5537G1GL LEADTREND-LD5537G1GL Datasheet
773Kb / 15P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
REV: 00
More results

Similar Description - LD5537GL

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD9704R LEADTREND-LD9704R Datasheet
699Kb / 14P
Green-Mode PWM Controller with Frequency Swapping with protections and MOSFET Integrated
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5760 LEADTREND-LD5760 Datasheet
726Kb / 20P
High Voltage Green-Mode PWM Controller with Brown-In/Out Function
logo
Excelliance MOS Corp.
EM8635 EXCELLIANCE-EM8635 Datasheet
291Kb / 13P
Green mode PWM Flyback Controller with Brown-Out Protection
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
Green-Mode PWM Controller with Integrated Protections
logo
List of Unclassifed Man...
LD5530R ETC2-LD5530R Datasheet
538Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
Leadtrend Technology
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7531 LEADTREND-LD7531 Datasheet
360Kb / 18P
Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
6/25/2008
LD7537 LEADTREND-LD7537 Datasheet
418Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
12/15/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com