Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5537GL Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD5537GL
Description  Green-Mode PWM Controller with Variable Frequency and Brown IN/OUT Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5537GL Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD5537GL Datasheet HTML 9Page - Leadtrend Technology LD5537GL Datasheet HTML 10Page - Leadtrend Technology LD5537GL Datasheet HTML 11Page - Leadtrend Technology LD5537GL Datasheet HTML 12Page - Leadtrend Technology LD5537GL Datasheet HTML 13Page - Leadtrend Technology LD5537GL Datasheet HTML 14Page - Leadtrend Technology LD5537GL Datasheet HTML 15Page - Leadtrend Technology LD5537GL Datasheet HTML 16Page - Leadtrend Technology LD5537GL Datasheet HTML 17Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
LD5537
09/07/2015
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5537-DS-01 September 2015
OVP (Over Voltage Protection) on VCC -
Auto Recovery
The Vcc OVP function of LD5537 is in auto recovery
mode. As soon as the voltage of the Vcc pin rises above
OVP threshold, the output gate drive circuit will be
shutdown simultaneous to turn off the power MOSFET.
Fig. 20 shows its operation.
VCC
t
OVP
UVLO(off)
OVP Reset
t
OUT
Switching
Switching
Non- Switching
OVP
Level
UVLO (on)
UVLO (off)
Fig. 20
Brownout Protection
The LD5537 is programmable for the brownout protection
point though BNO pin. The voltage across the BNO pin is
proportional to the bulk capacitor voltage, referred as the
line voltage.
A brownout comparator is implemented to
detect the abnormal line condition. As soon as the
condition is detected, it will shut down the controller to
prevent the damage.
Fig. 21 shows the operation.
When VBNO falls below 1.30V, the gate output will remain
off even as VCC achieved UVLO(ON). It therefore makes
VCC hiccup between UVLO(ON) and UVLO(OFF).
Unless the line voltage is large enough to pull VBNO over
1.40V, the gate output will not start switching even when
the
next
UVLO(ON)
is
tripped.
A
hysteresis
is
implemented to prevent the false trigger during turn-on
and turn-off.
Fig. 21
Adjustable Over Power Compensation (CS
Pin)
In general, the power converter can deliver more current
with high input voltage than low input voltage. To
compensate this, an offset voltage is added to the CS
signal by an internal current source (IOPP) and an external
resistor (ROPP) in series between the sense resistor (Rs)
and the CS pin, as shown in Fig. 22. Different values of
resistors in series with the CS pin may adjust the amount
of compensation. The value of IOPP depends on the duty
cycle of OUT pin. The equation of IOPP is decreased as:
)
2
.
0
Duty
(
uA
575
)
5
.
0
Duty
(
uA
0
)
5
.
0
Duty
2
.
0
(
uA
1915
)
Duty
5
.
0
(
IOPP
In light load, this offset is in same level of magnitude as
the current sense signal, it shall be canceled. Therefore
1.40V
t
VCC
t
OUT
Switching
Non-Switching
t
VBNO
t
Line Voltage
1.30V
Non-
Switching
Normal Range
UVLO(ON)
UVLO(OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com