Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5537GL Datasheet(PDF) 14 Page - Leadtrend Technology

Part # LD5537GL
Description  Green-Mode PWM Controller with Variable Frequency and Brown IN/OUT Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5537GL Datasheet(HTML) 14 Page - Leadtrend Technology

Back Button LD5537GL Datasheet HTML 9Page - Leadtrend Technology LD5537GL Datasheet HTML 10Page - Leadtrend Technology LD5537GL Datasheet HTML 11Page - Leadtrend Technology LD5537GL Datasheet HTML 12Page - Leadtrend Technology LD5537GL Datasheet HTML 13Page - Leadtrend Technology LD5537GL Datasheet HTML 14Page - Leadtrend Technology LD5537GL Datasheet HTML 15Page - Leadtrend Technology LD5537GL Datasheet HTML 16Page - Leadtrend Technology LD5537GL Datasheet HTML 17Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
LD5537
09/07/2015
14
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5537-DS-01 September 2015
the compensation current will be fully added once the
COMP voltage is above 3.05V, as shown in Fig. 23.
ROCP: 470~1.4k; COCP:82pF~390pF
0.75V
Limit
Comparator
VBIAS
Duty/VCOMP
OUT
LEB
ROPP
RS
CS
IOPP
Fig. 22
VCOMP
IOPP
Duty
4.2V
3.9V
Duty
≤ 0.1
Duty= 0.2
Duty= 0.3
Fig. 23
Output Over Voltage Protection
– Auto
Recovery
An output overvoltage protection is implemented in the
LD5537 to sense the auxiliary voltage via the divided
resistors as shown in Fig. 24. The auxiliary winding
voltage is reflected to the secondary winding and
therefore the flat voltage on the CS pin is in proportion to
the output voltage. LD5537 can sample this flat voltage
level after a delay time to perform output over voltage
protection. This delay time is used to ignore the voltage
ringing from leakage inductance of PWM transformer. The
sampling voltage level is compared with internal threshold
voltage 0.30V. If the sampling voltage exceeds the OVP
trip
level,
an internal counter
starts
counting
the
subsequent OVP events. The counter has been added to
prevent incorrect OVP detection which might occur during
ESD or lightning events. However, when typically 8 cycles
of subsequent OVP events are detected, the OVP circuit
switches the power MOSFET off. As the protection is auto
recovery, the converter restarts after the VCC is lower than
UVLO OFF level and then recharge to UVLO ON.
ROPP
RS
CS
AUX
0.30V
OUT
Sample
Delay
Debouce
8 cycle
OVP
Fig. 24
Delay
Sample
Out
AUX Winding
Fig. 25
Oscillator and Switching Frequency
The LD5537 is implemented with Frequency Swapping
function which helps the power supply designers optimize
EMI performance and reduce system cost. The switching
frequency substantially centers at 130kHz, and swap
between a range of ±6%.
Green-Mode Operation
By using the green-mode control, the switching frequency
can be reduced in light load condition. This feature helps
to improve the efficiency in light load conditions. The
green-mode control is Leadtrend Technology
’s own
property.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com