Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93732 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS93732
Description  Low Cost DDR Phase Lock Loop Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93732 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS93732 Datasheet HTML 1Page - Renesas Technology Corp ICS93732 Datasheet HTML 2Page - Renesas Technology Corp ICS93732 Datasheet HTML 3Page - Renesas Technology Corp ICS93732 Datasheet HTML 4Page - Renesas Technology Corp ICS93732 Datasheet HTML 5Page - Renesas Technology Corp ICS93732 Datasheet HTML 6Page - Renesas Technology Corp ICS93732 Datasheet HTML 7Page - Renesas Technology Corp ICS93732 Datasheet HTML 8Page - Renesas Technology Corp ICS93732 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ICS93732
0578J—06/20/08
Block Diagram
Low Cost DDR Phase Lock Loop Zero Delay Buffer
Pin Configuration
Recommended Application:
DDR Zero Delay Clock Buffer
Product Description/Features:
•
Low skew, low jitter PLL clock driver
•
Max frequency supported = 266MHz (DDR 533)
•I
2C for functional and output control
•
Feedback pins for input to output synchronization
•
Spread Spectrum tolerant inputs
•
3.3V tolerant CLK_INT input
Switching Characteristics:
•
CYCLE - CYCLE jitter (66MHz): <120ps
•
CYCLE - CYCLE jitter (>100MHz): <65ps
•
CYCLE - CYCLE jitter (>200MHz): <75ps
•
OUTPUT - OUTPUT skew: <100ps
•
DUTY CYCLE: 49.5% - 50.5%
Functionality
S
T
U
P
N
IS
T
U
P
T
U
O
e
t
a
t
S
L
L
P
D
D
V
AT
N
I
_
K
L
CT
K
L
CC
K
L
CT
T
U
O
_
B
F
V
5
.
2
)
m
o
n
(
LL
H
L
n
o
V
5
.
2
)
m
o
n
(
HH
L
H
n
o
FB_INT
FB_INT
CLK_INT
CLK_INT
SCLK
SCLK
SD
SDA
AT
TA
A
Control
Control
Logic
Logic
FB_OUTT
FB_OUTT
DDRC0
DDRC0
PLL
PLL
DDRT0
DDRT0
DDRC1
DDRC1
DDRT1
DDRT1
DDRC2
DDRC2
DDRT2
DDRT2
DDRC3
DDRC3
DDRT3
DDRT3
DDRC4
DDRC4
DDRT4
DDRT4
DDRC5
DDRC5
DDRT5
DDRT5
DDRC0
DDRT0
DDRT1
DDRC1
DDRT3
DDRC3
DDRC4
DDRT4
DDRT2
DDRC2
VDD
VDD
VDD
VDDA
DDRC5
DDRT5
GND
GND
GND
GND
SCLK
CLK_INT
FB_OUTT
FB_INT
SDATA
N/C
N/C
N/C
28-pin 209mil SSOP


Similar Part No. - ICS93732

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93732 ICST-ICS93732 Datasheet
482Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93732FLF-T ICST-ICS93732FLF-T Datasheet
482Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93732G-T ICST-ICS93732G-T Datasheet
482Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
More results

Similar Description - ICS93732

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93732 ICST-ICS93732 Datasheet
482Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93722 ICST-ICS93722 Datasheet
54Kb / 6P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93776 ICST-ICS93776 Datasheet
82Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
93722 RENESAS-93722 Datasheet
240Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
REV G 10/05/10
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
DDR Phase Lock Loop Zero Delay Clock Buffer
2019
ICS93735 RENESAS-ICS93735 Datasheet
160Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
02/11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com