Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC43 Datasheet(PDF) 2 Page - TDK Electronics

Part # HVC43
Description  Gas-filled contactor for high-voltage DC switching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HVC43 Datasheet(HTML) 2 Page - TDK Electronics

  HVC43 Datasheet HTML 1Page - TDK Electronics HVC43 Datasheet HTML 2Page - TDK Electronics HVC43 Datasheet HTML 3Page - TDK Electronics HVC43 Datasheet HTML 4Page - TDK Electronics HVC43 Datasheet HTML 5Page - TDK Electronics HVC43 Datasheet HTML 6Page - TDK Electronics HVC43 Datasheet HTML 7Page - TDK Electronics HVC43 Datasheet HTML 8Page - TDK Electronics HVC43 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-voltage contactor
See table on page 8
Gas-filled contactor for high-voltage DC switching
HVC43 series
PPD AB PD / PPD AB PM
Version: 01 / 2021-05-04
Please read Cautions and warnings and
Page 2 of 12
Important notes at the end of this document.
Product description
The HVC43 series has been specially designed to meet the requirements of high-voltage DC
switching applications. The optimized hermetically sealed design exhibits excellent reliability
performance against harsh environments. The small size and low weight of the HVC43 series is
optimized to serve automotive application as part of battery traction systems.
Features
 Singe coil with connector
 No coil termination
 Main terminals without polarity (bi-directional)
 RoHS compatible
Characteristics
Contact arrangement
Inner contact material
Internal contact gap (full disconnection)
1A
Cu alloy
2.0 (2 × 1.0)
mm
Recommended connection cable cross section1
- for Ith = 150 ADC
- for Ith = 200 ADC
- for Ith = 250 ADC
≥ 50
≥ 60
≥ 60
mm²
mm²
mm²
Vibration in closed state, xyz-axis
- shock, 6 ms ½ sine, peak 2, 3
- vibration, sine 100 … 2000 Hz, peak 4
- wideband random vibration, 10 ... 1000 Hz 5
588
98
49
m/s2
m/s2
m/s2RMS
Operation and storage 6
- temperature
- humidity
- air pressure
−40 ... +85
5 … 85
50 … 106
°C
%
kPa
Climatic category (IEC 60068-1)
40/085/21
Weight 7
~ 300
g
Certifications
CE
pending
UL
pending
See “Notes” on page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com