Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC43 Datasheet(PDF) 3 Page - TDK Electronics

Part # HVC43
Description  Gas-filled contactor for high-voltage DC switching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HVC43 Datasheet(HTML) 3 Page - TDK Electronics

  HVC43 Datasheet HTML 1Page - TDK Electronics HVC43 Datasheet HTML 2Page - TDK Electronics HVC43 Datasheet HTML 3Page - TDK Electronics HVC43 Datasheet HTML 4Page - TDK Electronics HVC43 Datasheet HTML 5Page - TDK Electronics HVC43 Datasheet HTML 6Page - TDK Electronics HVC43 Datasheet HTML 7Page - TDK Electronics HVC43 Datasheet HTML 8Page - TDK Electronics HVC43 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
High-voltage contactor
See table on page 8
Gas-filled contactor for high-voltage DC switching
HVC43 series
PPD AB PD / PPD AB PM
Version: 01 / 2021-05-04
Please read Cautions and warnings and
Page 3 of 12
Important notes at the end of this document.
Specification 8
Type HVC43-…
150A
200A
250A
Contact
Maximum operating voltage
750
VDC
Continuous current
Ith
Temporary overcurrent (10 min)
ICW1
Temporary overcurrent (1 min)
ICW2
150
260
440
200
290
480
250
320
540
ADC
ADC
ADC
Rated operational voltage 9, 10
Ue
Rated operational current 9, 10
Ie
Contact resistance at 100 ADC
- typical
- max.
Insulation resistance at 1000 VDC
- contact to contact / contact to coil
Dielectric strength 11
- contact to contact / contact to coil
750
50
0.125
0.25
≥ 1
≥ 4400
VDC
ADC
mΩ
mΩ
GΩ
VAC
Operating time 12
- make
- break
≤ 30
≤ 15
ms
ms
Electrical endurance 10, 13, 14
Mechanical 15
- max. 1 V, 1 ADC (make & break)
Capacitive
- at 20 VDC, 140 ADC (make)
Resistive 10, Fehler! Textmarke nicht definiert.
- at 450 VDC, 200 ADC (make & break)
- at 450 VDC, 250 ADC (break) 16
Maximum cut-off current 17, 18
- at 450 VDC, 2000 ADC (break)
350 000
70 000
1000
550
1
operations
operations
operations
operations
operation
Coil Type 13
12 V
24 V
Rated control voltage (nominal)
Uc
Operating voltage range
U1 … U2
Pick-up voltage (max.)
U1
Drop-out voltage (min.)
Minimum holding current
Power at nominal voltage 19
Nominal resistance
12
9 … 16
9
1
0.16
5.8
24
24
18 … 32
18
2
0.08
5.8
96
VDC
VDC
VDC
VDC
ADC
W
Ω
See “Notes” on page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com