Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC43 Datasheet(PDF) 1 Page - TDK Electronics

Part # HVC43
Description  Gas-filled contactor for high-voltage DC switching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HVC43 Datasheet(HTML) 1 Page - TDK Electronics

  HVC43 Datasheet HTML 1Page - TDK Electronics HVC43 Datasheet HTML 2Page - TDK Electronics HVC43 Datasheet HTML 3Page - TDK Electronics HVC43 Datasheet HTML 4Page - TDK Electronics HVC43 Datasheet HTML 5Page - TDK Electronics HVC43 Datasheet HTML 6Page - TDK Electronics HVC43 Datasheet HTML 7Page - TDK Electronics HVC43 Datasheet HTML 8Page - TDK Electronics HVC43 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
High-voltage contactor
Gas-filled contactor for high-voltage DC switching
Series/Type:
HVC43 series
Ordering code:
See table on page 8
Date:
2021-05-04
Version:
01
 TDK Electronics AG 2021. Reproduction, publication and dissemination of this publication, enclosures hereto and the
information contained therein without TDK Electronics' prior express consent is prohibited.
Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then
change the color to "white". This ensures that the table disappears (invisible) for the customer PDF.
Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it!
Identification/Classification 1
(header 1 + top left bar):
High-voltage contactor
Identification/Classification 2
(header 2 + bottom left header bar):
Gas-filled contactor for high-voltage DC switching
Ordering code: (top right header bar)
See table on page 8
Series/Type: (bottom right header bar)
HVC43 series
Preliminary data (optional):
Department:
PPD AB PD / PPD AB PM
Date:
2021-05-04
Version:
01


Similar Part No. - HVC43

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HVC40 ETC1-HVC40 Datasheet
71Kb / 2P
100mA SILICON CARTRIDGE RECTIFIERS
logo
Riedon Powertron
HVC4020 RIEDON-HVC4020 Datasheet
176Kb / 2P
High Resistance, Thick Film Chip Resistors
logo
Ohmite Mfg. Co.
HVC4020 OHMITE-HVC4020 Datasheet
329Kb / 2P
Low temperature and voltage dependency
logo
Riedon Powertron
HVC4020 RIEDON-HVC4020 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC4020 RIEDON-HVC4020 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
More results

Similar Description - HVC43

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
CK6437 RAYTHEON-CK6437 Datasheet
97Kb / 1P
SUBMINIATURE GAS - FILLED DIODE
logo
NXP Semiconductors
92AG PHILIPS-92AG Datasheet
117Kb / 6P
GAS-FILLED PHOTOTUBE
2.2.1959
3546 NXP-3546 Datasheet
182Kb / 9P
GAS-FILLED PHOTOTUBE
2.2.1955
logo
Raytheon Company
CK1024 RAYTHEON-CK1024 Datasheet
105Kb / 1P
GAS. FILLED DOUBLE DIODE
logo
NTE Electronics
NTE15040-ECG NTE-NTE15040-ECG Datasheet
21Kb / 1P
Surge Arresters (Gas Filled)
logo
Zhejiang DongYa Electro...
DH20 DONGYA-DH20 Datasheet
1Mb / 2P
High Voltage DC Contactor
DH100 DONGYA-DH100 Datasheet
1Mb / 2P
High Voltage DC Contactor
DH150 DONGYA-DH150 Datasheet
1Mb / 2P
High Voltage DC Contactor
DH200 DONGYA-DH200 Datasheet
1Mb / 2P
High Voltage DC Contactor
DH250 DONGYA-DH250 Datasheet
1Mb / 2P
High Voltage DC Contactor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com