Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC43 Datasheet(PDF) 7 Page - TDK Electronics

Part # HVC43
Description  Gas-filled contactor for high-voltage DC switching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HVC43 Datasheet(HTML) 7 Page - TDK Electronics

Back Button HVC43 Datasheet HTML 3Page - TDK Electronics HVC43 Datasheet HTML 4Page - TDK Electronics HVC43 Datasheet HTML 5Page - TDK Electronics HVC43 Datasheet HTML 6Page - TDK Electronics HVC43 Datasheet HTML 7Page - TDK Electronics HVC43 Datasheet HTML 8Page - TDK Electronics HVC43 Datasheet HTML 9Page - TDK Electronics HVC43 Datasheet HTML 10Page - TDK Electronics HVC43 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
High-voltage contactor
See table on page 8
Gas-filled contactor for high-voltage DC switching
HVC43 series
PPD AB PD / PPD AB PM
Version: 01 / 2021-05-04
Please read Cautions and warnings and
Page 7 of 12
Important notes at the end of this document.
Accessory
Mating connector plug (corresponding to Yazaki 7283-1020)
To order if required with order code B88269X9990C101 (10 pcs. in a box).
Installation information
Connection name
Type
Marking
Finishing
Remarks
A1
Main terminal M6
A1
copper contact surface
tightening torque 6…8 Nm
A2
Main terminal M6
A2
Optional:
Connector plug,
female
Plug with wire (AWG 20)
red (+)
stripped and tinned
connector plug
Plug with wire (AWG 20)
black (
)
Important:
Coil terminations should be suppressed with a surge protection device. Preferably a varistor (e.g. TDK S10K30, B72210S0300K101
or equivalent) should be installed in parallel, see “Cautions and warnings”.
Packing unit
B88269X…C 11 = 1 pc. in cardboard box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com