Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950810 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS950810
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950810 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS950810 Datasheet HTML 1Page - Renesas Technology Corp ICS950810 Datasheet HTML 2Page - Renesas Technology Corp ICS950810 Datasheet HTML 3Page - Renesas Technology Corp ICS950810 Datasheet HTML 4Page - Renesas Technology Corp ICS950810 Datasheet HTML 5Page - Renesas Technology Corp ICS950810 Datasheet HTML 6Page - Renesas Technology Corp ICS950810 Datasheet HTML 7Page - Renesas Technology Corp ICS950810 Datasheet HTML 8Page - Renesas Technology Corp ICS950810 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
ICS950810
0472F—01/12/04
Pin Configuration (Continued)
N
I
P
R
E
B
M
U
N
E
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
8
2#
D
G
R
W
P
_
t
t
VN
I
n
e
h
w
e
n
i
m
r
e
t
e
d
o
t
d
e
s
u
e
b
o
r
t
s
e
v
i
t
i
s
n
e
s
l
e
v
e
l
a
s
i
t
u
p
n
i
L
T
T
V
L
V
3
.
3
s
i
h
T
.
d
e
l
p
m
a
s
e
b
o
t
y
d
a
e
r
e
r
a
d
n
a
d
i
l
a
v
e
r
a
s
t
u
p
n
i
0
L
E
S
I
T
L
U
M
d
n
a
]
0
:
2
[
S
F
)
w
o
l
e
v
i
t
c
a
(
9
2A
T
A
D
SO
/
It
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
C
2
I
r
o
f
n
i
p
a
t
a
D
0
3K
L
C
SN
It
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
C
2
I
f
o
n
i
p
k
c
o
l
C
1
3D
N
GR
W
P.
s
t
u
p
t
u
o
V
3
r
o
f
n
i
p
d
n
u
o
r
G
2
36
6
V
3
D
D
VR
W
P.
s
k
c
o
l
c
6
6
V
3
e
h
t
r
o
f
n
i
p
r
e
w
o
P
3
30
_
6
6
V
3T
U
O.
V
3
.
3
t
a
s
t
u
p
t
u
o
z
H
M
6
6
4
3#
P
O
T
S
_
I
C
PN
I
n
e
h
w
,
l
e
v
e
l
0
c
i
g
o
l
t
a
s
k
c
o
l
c
F
_
K
L
C
I
C
P
e
h
t
s
e
d
i
s
e
b
s
K
L
C
I
C
P
l
l
a
s
p
o
t
S
w
o
l
t
u
p
n
i
5
3K
L
C
_
H
C
V
/
1
_
6
6
V
3T
U
Ot
u
p
t
u
o
k
c
o
l
c
C
S
S
z
H
M
6
6
r
o
C
S
S
-
n
o
n
z
H
M
8
4
e
l
b
a
t
c
e
l
e
S
6
3D
N
GR
W
P.
s
t
u
p
t
u
o
V
3
r
o
f
n
i
p
d
n
u
o
r
G
7
38
4
D
D
VR
W
P.
e
r
o
c
L
L
P
d
e
x
i
f
d
n
a
s
r
e
f
f
u
b
t
u
p
t
u
o
z
H
M
8
4
r
o
f
r
e
w
o
P
8
3T
O
D
_
z
H
M
8
4T
U
Ok
c
o
l
c
t
u
p
t
u
o
z
H
M
8
4
9
3B
S
U
_
z
H
M
8
4T
U
Ok
c
o
l
c
t
u
p
t
u
o
z
H
M
8
4
0
42
S
FN
I.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
1
4D
N
GR
W
P.
s
t
u
p
t
u
o
V
3
r
o
f
n
i
p
d
n
u
o
r
G
2
4F
E
R
IT
U
O
n
i
p
s
i
h
T
.
s
r
i
a
p
K
L
C
U
P
C
e
h
t
r
o
f
t
n
e
r
r
u
c
e
c
n
e
r
e
f
e
r
e
h
t
s
e
h
s
i
l
b
a
t
s
e
f
n
i
p
s
i
h
T
e
h
t
h
s
i
l
b
a
t
s
e
o
t
r
e
d
r
o
n
i
d
n
u
o
r
g
o
t
d
e
i
t
r
o
t
s
i
s
e
r
n
o
i
s
i
c
e
r
p
d
e
x
i
f
a
s
e
r
i
u
q
e
r
.
t
n
e
r
r
u
c
e
t
a
i
r
p
o
r
p
p
a
3
40
L
E
S
T
L
U
MN
I
s
t
u
p
t
u
o
U
P
C
r
o
f
r
e
i
l
p
i
t
l
u
m
t
n
e
r
r
u
c
e
h
t
n
o
i
t
c
e
l
e
s
r
o
f
t
u
p
n
i
L
T
T
V
L
V
3
.
3
4
42
C
K
L
C
U
P
CT
U
O
t
n
e
r
r
u
c
e
r
a
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
.
s
a
i
b
e
g
a
t
l
o
v
r
o
f
d
e
r
i
u
q
e
r
e
r
a
s
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
E
.
s
t
u
p
t
u
o
e
d
o
m
5
42
T
K
L
C
U
P
CT
U
O
e
d
o
m
t
n
e
r
r
u
c
e
r
a
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
e
u
r
T
"
.
s
a
i
b
e
g
a
t
l
o
v
r
o
f
d
e
r
i
u
q
e
r
e
r
a
s
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
E
.
s
t
u
p
t
u
o
6
4U
P
C
D
D
VR
W
Pl
a
n
i
m
o
n
V
3
.
3
,
s
k
c
o
l
c
U
P
C
r
o
f
y
l
p
p
u
S
7
4D
N
GR
W
P.
s
t
u
p
t
u
o
V
3
r
o
f
n
i
p
d
n
u
o
r
G
8
41
C
K
L
C
U
P
CT
U
O
t
n
e
r
r
u
c
e
r
a
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
.
s
a
i
b
e
g
a
t
l
o
v
r
o
f
d
e
r
i
u
q
e
r
e
r
a
s
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
E
.
s
t
u
p
t
u
o
e
d
o
m
9
41
T
K
L
C
U
P
CT
U
O
e
d
o
m
t
n
e
r
r
u
c
e
r
a
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
e
u
r
T
"
.
s
a
i
b
e
g
a
t
l
o
v
r
o
f
d
e
r
i
u
q
e
r
e
r
a
s
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
E
.
s
t
u
p
t
u
o
0
5U
P
C
D
D
VR
W
Pl
a
n
i
m
o
n
V
3
.
3
,
s
k
c
o
l
c
U
P
C
r
o
f
y
l
p
p
u
S
1
50
C
K
L
C
U
P
CT
U
O
t
n
e
r
r
u
c
e
r
a
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
.
s
a
i
b
e
g
a
t
l
o
v
r
o
f
d
e
r
i
u
q
e
r
e
r
a
s
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
E
.
s
t
u
p
t
u
o
e
d
o
m
2
50
T
K
L
C
U
P
CT
U
O
e
d
o
m
t
n
e
r
r
u
c
e
r
a
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
e
u
r
T
"
.
s
a
i
b
e
g
a
t
l
o
v
r
o
f
d
e
r
i
u
q
e
r
e
r
a
s
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
E
.
s
t
u
p
t
u
o
3
5#
P
O
T
S
_
U
P
CN
I
.
w
o
l
n
e
v
i
r
d
n
e
h
w
l
e
v
e
l
w
o
l
e
v
i
t
c
a
o
t
s
t
l
a
h
t
u
p
n
i
s
u
o
n
o
r
h
c
n
y
s
a
s
i
h
T
4
50
S
FN
I.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
5
51
S
FN
I.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
6
5F
E
RT
U
O.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com