Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950810 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS950810
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950810 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS950810 Datasheet HTML 3Page - Renesas Technology Corp ICS950810 Datasheet HTML 4Page - Renesas Technology Corp ICS950810 Datasheet HTML 5Page - Renesas Technology Corp ICS950810 Datasheet HTML 6Page - Renesas Technology Corp ICS950810 Datasheet HTML 7Page - Renesas Technology Corp ICS950810 Datasheet HTML 8Page - Renesas Technology Corp ICS950810 Datasheet HTML 9Page - Renesas Technology Corp ICS950810 Datasheet HTML 10Page - Renesas Technology Corp ICS950810 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
ICS950810
0472F—01/12/04
Electrical Characteristics - CPU (0.7V Select)
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Current Source Output
Impedance
Zo
1
VO = Vx
3000
Ω
Voltage High
VHigh
660
810
850
Voltage Low
VLow
-150
20
150
Max Voltage
Vovs
850
1150
Min Voltage
Vuds
-450
-15
Crossing Voltage (abs)
Vcross(abs)
250
380
550
mV
Crossing Voltage (var)
d-Vcross
Variation of crossing over all
edges
22
140
mV
Rise Time
tr
VOL = 0.175V, VOH = 0.525V
175
290
700
ps
Fall Time
tf
VOH = 0.525V VOL = 0.175V
175
310
700
ps
Rise Time Variation
d-tr
10
125
ps
Fall Time Variation
d-tf
10
125
ps
Duty Cycle
dt3
Measurement from differential
wavefrom
45
51
55
%
Skew
tsk3
VT = 50%
16
100
ps
Jitter, Cycle to cycle
tjcyc-cyc
1
VT = 50%
48
150
ps
1Guaranteed by design, not 100% tested in production.
2 I
OWT can be varied and is selectable thru the MULTSEL pin.
Statistical measurement on
single ended signal using
mV
Measurement on single ended
signal using absolute value.
mV
Electrical Characteristics - PCICLK
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
33
55
W
Output High Voltage
VOH
1
IOH = -1 mA
2.4
3.28
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.08
0.55
V
V OH@MIN = 1.0 V
-33
-110
V OH@MAX = 3.135 V
-20
-33
mA
VOL @MIN = 1.95 V
30
110
VOL @MAX = 0.4 V
37
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.28
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.37
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
51.1
55
%
Skew
tsk1
1
VT = 1.5 V
127
500
ps
Jitter,cycle to cyc
tjcyc-cyc
1
VT = 1.5 V
164
250
ps
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH
1
Output Low Current
IOL
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com