Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950810 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS950810
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950810 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS950810 Datasheet HTML 1Page - Renesas Technology Corp ICS950810 Datasheet HTML 2Page - Renesas Technology Corp ICS950810 Datasheet HTML 3Page - Renesas Technology Corp ICS950810 Datasheet HTML 4Page - Renesas Technology Corp ICS950810 Datasheet HTML 5Page - Renesas Technology Corp ICS950810 Datasheet HTML 6Page - Renesas Technology Corp ICS950810 Datasheet HTML 7Page - Renesas Technology Corp ICS950810 Datasheet HTML 8Page - Renesas Technology Corp ICS950810 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ICS950810
0472F—01/12/04
Block Diagram
Recommended Application:
CK-408 clock for BANIAS processor/ ODEM and
MONTARA-G chipsets.
Output Features:
•
3 0.7V Differential CPU Clock Pairs
•
7 PCI (3.3V) @ 33.3MHz
•
3 PCI_F (3.3V) @ 33.3MHz
•
1 USB (3.3V) @ 48MHz
•
1 DOT (3.3V) @ 48MHz
•
1 REF (3.3V) @ 14.318MHz
•
5 3V66 (3.3V) @ 66.6MHz
•
1 VCH/3V66 (3.3V) @ 48MHz or 66.6MHz
Features:
•
Supports spread spectrum modulation,
down spread 0 to -0.5%. (CPU, 3V66, PCI)
•
Efficient power management scheme through PD#,
CPU_STOP# and PCI_STOP#.
Key Specifications:
•
CPU Output Jitter <150ps
•
3V66 Output Jitter <250ps
•
CPU Output Skew <100ps
Pin Configuration
56-Pin 300mil SSOP
6.10 mm. Body, 0.50 mm. pitch TSSOP
Frequency Generator with 200MHz Differential CPU Clocks
Functionality
* These inputs have 150K internal pull-up resistor to VDD.
2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
)
0
:
5
(
6
6
V
3
)
z
H
M
(
F
_
I
C
P
I
C
P
)
z
H
M
(
X0
0
6
6
.
6
6
16
6
.
6
63
3
.
3
3
X0
1
0
0
.
0
0
16
6
.
6
63
3
.
3
3
X1
0
0
0
.
0
0
26
6
.
6
63
3
.
3
3
X1
1
3
3
.
3
3
16
6
.
6
63
3
.
3
3
d
i
M0
0
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
T
d
i
M0
1
2
/
K
L
C
T4
/
K
L
C
T8
/
K
L
C
T
d
i
M1
0
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R
d
i
M1
1
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R
PLL2
PLL1
Spread
Spectrum
3V66_5
3V66_3
3V66_(4,2)
48MHz_USB
48MHz_DOT
X1
X2
XTAL
OSC
3V66
DIVDER
PD#
CPU_STOP#
PCI_STOP#
MULTSEL0
SDATA
SCLK
FS (2:0)
I REF
Control
Logic
Config.
Reg.
REF
3V66_0
CPU
DIVDER
3
3
CPUCLKT (2:0)
CPUCLKC (2:0)
Stop
3V66_1/VCH_CLK
PCICLK (6:0)
PCI
DIVDER
3
7
PCICLK_F (2:0)
Stop
VDDREF
156 REF
X1
255 FS1
X2
354 FS0
GND
453 CPU_STOP#*
PCICLK_F0
552 CPUCLKT0
PCICLK_F1
651 CPUCLKC0
PCICLK_F2
750 VDDCPU
VDDPCI
849 CPUCLKT1
GND
948 CPUCLKC1
PCICLK0 10
47 GND
PCICLK1 11
46 VDDCPU
PCICLK2 12
45 CPUCLKT2
PCICLK3 13
44 CPUCLKC2
VDDPCI 14
43 MULTSEL0*
GND 15
42 IREF
PCICLK4 16
41 GND
PCICLK5 17
40 FS2
PCICLK6 18
39 48MHz_USB
VDD3V66 19
38 48MHz_DOT
GND 20
37 VDD48
3V66_2 21
36 GND
3V66_3 22
35 3V66_1/VCH_CLK
3V66_4 23
34 PCI_STOP#*
3V66_5 24
33 3V66_0
*PD# 25
32 VDD3V66
VDDA 26
31 GND
GND 27
30 SCLK
Vtt_PWRGD# 28
29 SDATA


Similar Part No. - ICS950810

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950810YFLF-T ICST-ICS950810YFLF-T Datasheet
167Kb / 19P
Frequency Generator with 200MHz Differential CPU Clocks
More results

Similar Description - ICS950810

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
Frequency Generator with 200MHz Differential CPU Clocks
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Integrated Device Techn...
ICS950812 IDT-ICS950812 Datasheet
233Kb / 30P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950811 RENESAS-ICS950811 Datasheet
288Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
08/09/07
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com