Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950810 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICS950810
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950810 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICS950810 Datasheet HTML 12Page - Renesas Technology Corp ICS950810 Datasheet HTML 13Page - Renesas Technology Corp ICS950810 Datasheet HTML 14Page - Renesas Technology Corp ICS950810 Datasheet HTML 15Page - Renesas Technology Corp ICS950810 Datasheet HTML 16Page - Renesas Technology Corp ICS950810 Datasheet HTML 17Page - Renesas Technology Corp ICS950810 Datasheet HTML 18Page - Renesas Technology Corp ICS950810 Datasheet HTML 19Page - Renesas Technology Corp ICS950810 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
ICS950810
0472F—01/12/04
When PWRDWN# is sampled low by two consecutive rising edges of CPU clock, then all clock outputs except CPU clocks
must be held low on their next high to low transitions. When the I2C Bit 6 of Byte 0 is programmed to '0' CPU clocks must
be held with the CPU clock pin driven high with a value of 2 x Iref, and CPU# undriven. If Bit 6 of Byte 0 is '1' then both
CPU and CPU# are undriven. Note the example below shows CPU = 133 MHz and Bit 6 of Byte 0 = '0', this diagram and
description is applicable for all valid CPU frequencies 66, 100, 133, 200 MHz.
Due to the state if the internal logic, stopping and holding the REF clock outputs in the LOW state may require more than
one clock cycle to complete.
PD# - Assertion (transition from logic "1" to logic "0")
Power Down Assertion of Waveforms
0ns
PD #
CPUT 100MHz
CPUC 100MHz
3V66MHz
PCI 33MHz
USB 48MHz
REF 14.318MHz
25ns
50ns
Power Down De-Assertion Mode
The power-up latency needs to be less than 1.8mS. this is the time from the de-asseration of the powerdown of the ramping
of the power supply until the time that stable clocks are output from the clock chip. If the I
2C Bit 6 of Byte 0 is programmed
to "1" then the stopped CPU outputs will be driven high within 3 nS of PD# de-asseration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com