Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951464 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS951464
Description  Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951464 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS951464 Datasheet HTML 1Page - Renesas Technology Corp ICS951464 Datasheet HTML 2Page - Renesas Technology Corp ICS951464 Datasheet HTML 3Page - Renesas Technology Corp ICS951464 Datasheet HTML 4Page - Renesas Technology Corp ICS951464 Datasheet HTML 5Page - Renesas Technology Corp ICS951464 Datasheet HTML 6Page - Renesas Technology Corp ICS951464 Datasheet HTML 7Page - Renesas Technology Corp ICS951464 Datasheet HTML 8Page - Renesas Technology Corp ICS951464 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
IDTTM/ICSTM
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
1211B—09/17/09
ICS951464
IDTTM/ICSTM Programmable System Clock Chip for ATI RS/RD690 K8
TM - based Systems
3
Pin Description (Continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
29
*CLKREQC#
IN
Output enable for PCI Express (SRC) outputs. SMBus selects which outputs are controlled.
0 = enabled, 1 = tri-stated
30
ATIGCLKC1
OUT
Complementary clock of differential ATIGCLK clock pair.
31
ATIGCLKT1
OUT
True clock of differential ATIGCLK clock pair.
32
GNDATIG
PWR
Ground for ATIG clocks
33
VDDATIG
PWR
Power supply ATIG clocks, nominal 3.3V
34
ATIGCLKC0
OUT
Complementary clock of differential ATIGCLK clock pair.
35
ATIGCLKT0
OUT
True clock of differential ATIGCLK clock pair.
36
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
37
GNDSRC
PWR
Ground pin for the SRC outputs
38
SRCCLKC0
OUT
Complement clock of differential SRC clock pair.
39
SRCCLKT0
OUT
True clock of differential SRC clock pair.
40
IREF
OUT
This pin establishes the reference current for the differential current-mode output pairs. This
pin requires a fixed precision resistor tied to ground in order to establish the appropriate
current. 475 ohms is the standard value.
41
GNDA
PWR
Ground pin for the PLL core.
42
VDDA
PWR
3.3V power for the PLL core.
43
CPUCLK8C1
OUT
Complementary clock of differential 3.3V push-pull K8 pair.
44
CPUCLK8T1
OUT
True clock of differential 3.3V push-pull K8 pair.
45
GNDCPU
PWR
Ground pin for the CPU outputs
46
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
47
CPUCLK8C0
OUT
Complementary clock of differential 3.3V push-pull K8 pair.
48
CPUCLK8T0
OUT
True clock of differential 3.3V push-pull K8 pair.
49
*CLKREQA#
IN
Output enable for PCI Express (SRC) outputs. SMBus selects which outputs are controlled.
0 = enabled, 1 = tri-stated
50
GNDHTT
PWR
Ground pin for the HTT outputs
51
HTTCLK0
OUT
3.3V Hyper Transport output
52
VDDHTT
PWR
Supply for HTT clocks, nominal 3.3V.
53
**PD
IN
Asynchronous active high input pin used to power down the device. The internal clocks are
disabled and the VCO is stopped.
54
FS2/REF2
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
55
FS1/REF1
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
56
FS0/REF0
I/O
Frequency select latch input pin / 14.318 MHz reference clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com