Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951464 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ICS951464
Description  Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951464 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ICS951464 Datasheet HTML 16Page - Renesas Technology Corp ICS951464 Datasheet HTML 17Page - Renesas Technology Corp ICS951464 Datasheet HTML 18Page - Renesas Technology Corp ICS951464 Datasheet HTML 19Page - Renesas Technology Corp ICS951464 Datasheet HTML 20Page - Renesas Technology Corp ICS951464 Datasheet HTML 21Page - Renesas Technology Corp ICS951464 Datasheet HTML 22Page - Renesas Technology Corp ICS951464 Datasheet HTML 23Page - Renesas Technology Corp ICS951464 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
IDTTM/ICSTM
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
1211B—09/17/09
ICS951464
IDTTM/ICSTM Programmable System Clock Chip for ATI RS/RD690 K8
TM - based Systems
20
SRC Routing Information
SRC Reference Clock
Common Recommendations for Differential Routing
Dimension or Value
Unit
Figure
L1 length, Route as non- coupled 50 ohm trace.
0.5 max
inch
2, 3
L2 length, Route as non- coupled 50 ohm trace.
0.2 max
inch
2, 3
L3 length, Route as non- coupled 50 ohm trace.
0.2 max
inch
2, 3
Rs
33
ohm
2, 3
Rt
49.9
ohm
2, 3
Down Device Differential Routing
Dimension or Value
Unit
Figure
L4 length, Route as coupled microstrip 100 ohm
differential trace.
2 min to 16 max
inch
2
L4 length, Route as coupled stripline 100 ohm
differential trace.
1.8 min to 14.4 max
inch
2
Differential Routing to PCI Express Connector
Dimension or Value
Unit
Figure
L4 length, Route as coupled microstrip 100 ohm
differential trace.
0.25 to 14 max
inch
3
L4 length, Route as coupled stripline 100 ohm
differential trace.
0.225 min to 12.6
max
inch
3
Fig.1
Rs
Rs
Rt
Rt
HSCL Output
Buffer
PCI Ex
REF_CLK
Test Load
L1
L2
L3’
L4
L1’
L2’
L3
L4’
Fig.2
Rs
Rs
Rt
Rt
HSCL Output
Buffer
PCI Ex Board
Down Device
REF_CLK Input
L1
L2
L3’
L4
L1’
L2’
L3
L4’
Fig.3
Rs
Rs
Rt
Rt
HSCL Output
Buffer
PCI Ex
Add In Board
REF_CLK Input
L1
L2
L3’
L4
L1’
L2’
L3
L4’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com