Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951464 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS951464
Description  Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951464 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS951464 Datasheet HTML 3Page - Renesas Technology Corp ICS951464 Datasheet HTML 4Page - Renesas Technology Corp ICS951464 Datasheet HTML 5Page - Renesas Technology Corp ICS951464 Datasheet HTML 6Page - Renesas Technology Corp ICS951464 Datasheet HTML 7Page - Renesas Technology Corp ICS951464 Datasheet HTML 8Page - Renesas Technology Corp ICS951464 Datasheet HTML 9Page - Renesas Technology Corp ICS951464 Datasheet HTML 10Page - Renesas Technology Corp ICS951464 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
IDTTM/ICSTM
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
1211B—09/17/09
ICS951464
IDTTM/ICSTM Programmable System Clock Chip for ATI RS/RD690 K8
TM - based Systems
7
Table3: ATIG Frequency Selection Table
Bit4
Bit3
Bit1
Bit0
ATIG
SS_EN
ATIG
FS3
ATIG
FS2
ATIG
FS1
ATIG
FS0
0
0000
100.00
0
0%
0
0001
105.00
0
5%
0
0010
110.00
0
10%
0
0011
115.00
0
15%
0
0100
120.00
0
20%
0
0101
125.00
0
25%
0
0110
130.00
0
30%
0
0111
135.00
0
35%
0
1000
100.00
0
0%
0
1001
105.00
0
5%
0
1010
110.00
0
10%
0
1011
115.00
0
15%
0
1100
120.00
0
20%
0
1101
125.00
0
25%
0
1110
130.00
0
30%
0
1111
135.00
0
35%
1
0000
100.00
-0.25%
0%
1
0001
105.00
-0.25%
5%
1
0010
110.00
-0.25%
10%
1
0011
115.00
-0.25%
15%
1
0100
120.00
-0.25%
20%
1
0101
125.00
-0.25%
25%
1
0110
130.00
-0.25%
30%
1
0111
135.00
-0.25%
35%
1
1000
100.00
-0.5%
0%
1
1001
105.00
-0.5%
5%
1
1010
110.00
-0.5%
10%
1
1011
115.00
-0.5%
15%
1
1100
120.00
-0.5%
20%
1
1101
125.00
-0.5%
25%
1
1110
130.00
-0.5%
30%
1
1111
135.00
-0.5%
35%
Byte 0
Bit 6
ATIG
(MHz)
Spread
%
ATIG
OverClock
%
Byte 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com