Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951464 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS951464
Description  Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951464 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS951464 Datasheet HTML 1Page - Renesas Technology Corp ICS951464 Datasheet HTML 2Page - Renesas Technology Corp ICS951464 Datasheet HTML 3Page - Renesas Technology Corp ICS951464 Datasheet HTML 4Page - Renesas Technology Corp ICS951464 Datasheet HTML 5Page - Renesas Technology Corp ICS951464 Datasheet HTML 6Page - Renesas Technology Corp ICS951464 Datasheet HTML 7Page - Renesas Technology Corp ICS951464 Datasheet HTML 8Page - Renesas Technology Corp ICS951464 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
IDTTM/ICSTM
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
1211B—09/17/09
ICS951464
IDTTM/ICSTM Programmable System Clock Chip for ATI RS/RD690 K8
TM - based Systems
2
Pin Description
PIN #
PIN NAME
TYPE
DESCRIPTION
1
GNDREF
PWR
Ground pin for the REF outputs.
2
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
3
X1
IN
Crystal input, Nominally 14.318MHz.
4
X2
OUT
Crystal output, Nominally 14.318MHz
5
VDD48
PWR
Power pin for the 48MHz output.3.3V
6
48MHz_0
OUT
48MHz clock output.
7
48MHz_1
OUT
48MHz clock output.
8
GND48
PWR
Ground pin for the 48MHz outputs
9
SMBCLK
IN
Clock pin of SMBUS circuitry, 5V tolerant
10
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant
11
RESET_IN#
IN
Real time active low input. When active, SMBus is reset to power up default.
12
SRCCLKT7
OUT
True clock of differential SRC clock pair.
13
SRCCLKC7
OUT
Complement clock of differential SRC clock pair.
14
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
15
GNDSRC
PWR
Ground pin for the SRC outputs
16
SRCCLKT6
OUT
True clock of differential SRC clock pair.
17
SRCCLKC6
OUT
Complement clock of differential SRC clock pair.
18
SRCCLKT5
OUT
True clock of differential SRC clock pair.
19
SRCCLKC5
OUT
Complement clock of differential SRC clock pair.
20
SRCCLKT4
OUT
True clock of differential SRC clock pair.
21
SRCCLKC4
OUT
Complement clock of differential SRC clock pair.
22
GNDSRC
PWR
Ground pin for the SRC outputs
23
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
24
SRCCLKT2
OUT
True clock of differential SRC clock pair.
25
SRCCLKC2
OUT
Complement clock of differential SRC clock pair.
26
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
27
GNDSRC
PWR
Ground pin for the SRC outputs
28
*CLKREQB#
IN
Output enable for PCI Express (SRC) outputs. SMBus selects which outputs are controlled.
0 = enabled, 1 = tri-stated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com