Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2047L/90 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF2047L/90
Description  UHF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF2047L/90 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF2047L/90 Datasheet HTML 1Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 2Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 3Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 4Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 5Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 6Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 7Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 8Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 Dec 06
4
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2047L
handbook, halfpage
0
100
15
5
MGS950
10
50
0
10
20
30
40
20
40
60
80
Gp
(dB)
Gp
PL (PEP) (W)
η
D
(%)
η
D
Fig.2
Power gain and drain efficiency as a
function of load power; typical values.
f1 = 2000 MHz; f2 = 2000.1 MHz; VDS =26V;
IDQ = 350 mA; Th ≤ 25 °C.
handbook, halfpage
0
−20
−40
−60
−10
−30
−50
MGS951
0
100
20
40
60
80
PL (PEP) (W)
dim
(dBc)
d3
d5
d7
f1 = 2000 MHz; f2 = 2000.1 MHz; VDS =26V;
IDQ = 350 mA; Th ≤ 25 °C.
Fig.3
Intermodulation distortion as a function of
load power; typical values.
handbook, halfpage
1.6
1.8
2
2.4
8
−2
6
MGS952
2.2
4
2
0
Zi
(
Ω)
xi
ri
f (GHz)
Fig.4
Input impedance as a function of frequency
(series components); typical values.
VDS = 26 V; ID = 350 mA; PL = 65 W; Th ≤ 25 °C.
handbook, halfpage
1.6
1.8
2
2.4
4
−6
2
MGS953
2.2
0
−2
−4
ZL
(
Ω)
RL
XL
f (GHz)
Fig.5
Load impedance as a function of frequency
(series components); typical values.
VDS = 26 V; ID = 350 mA; PL = 65 W; Th ≤ 25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com