Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2047L/90 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLF2047L/90
Description  UHF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF2047L/90 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF2047L/90 Datasheet HTML 1Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 2Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 3Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 4Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 5Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 6Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 7Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 8Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1999 Dec 06
5
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2047L
handbook, full pagewidth
MGS954
C8
C9
C3
L16
L14
L12
L20
L1
L3
L2
L4
L6
L8
L10
L11
L15
L17
L13
L5
L7
L9
L18
L19
C7
C10
C4
C11
C15
input
50
Ω
output
50
Ω
C1
C2
C14
C12
C13
R2
F1
C16
C17
Vdd
R1
C5
C6
Vgate
Fig.6 Class-AB test circuit at f = 2 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com