Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2047L/90 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF2047L/90
Description  UHF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF2047L/90 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF2047L/90 Datasheet HTML 2Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 3Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 4Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 5Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 6Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 7Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 8Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 9Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1999 Dec 06
6
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2047L
List of components (see Figs. 6 and 7)
Notes
1. American Technical Ceramics type 100B or capacitor of same quality.
2. American Technical Ceramics type 100A or capacitor of same quality.
3. The striplines are on a double copper-clad printed-circuit board with Teflon dielectric (
εr = 2.2); thickness 0.79 mm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C2, C7 and C8
Tekelec variable capacitor; type 37271
0.6 to 4.5 pF
C3, C9
multilayer ceramic chip capacitor; note 1 12 pF
C4, C10
multilayer ceramic chip capacitor; note 2 12 pF
C5, C12 and C16
electrolytic capacitor
4.5
µF; 50 V
C6, C11 and C15
multilayer ceramic chip capacitor; note 1 1 nF
C13 and C17
electrolytic capacitor
100
µF; 63 V
2222 037 58101
C14
multilayer ceramic chip capacitor
100 nF
2222 581 16641
F1
Ferroxcube chip-bead 8DS3/3/8/9-4S2
4330 030 36301
L1
stripline; note 3
50
Ω
2.9
× 2.4 mm
L2
10.8
Ω
4
× 16.3 mm
L3
50
Ω
3.7
× 2.4 mm
L4
6
Ω
2
× 30.8 mm
L5
50
Ω
3.6
× 2.4 mm
L6
9
Ω
3
× 19.9 mm
L7
50
Ω
7.8
× 2.4 mm
L8
18.5
Ω
4
× 8.8 mm
L9
24.4
Ω
5
× 6.3 mm
L10 and L11
5.1
Ω
7
× 37 mm
L12
25.4
Ω
10.1
× 6mm
L13
5.7
Ω
2.4
× 32.8 mm
L14
25.4
Ω
6.4
× 6mm
L15
10
Ω
3.5
× 17.8 mm
L16
50
Ω
10.8
× 2.4 mm
L17
11.8
Ω
3
× 14.9 mm
L18
50
Ω
2.3
× 2.4 mm
L19
50
Ω
3
× 2.4 mm
L20
50
Ω
5.5
× 2.4 mm
R1 and R2
metal film resistor
10
Ω, 0.6 W
2322 156 11009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com