Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2047L/90 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF2047L/90
Description  UHF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF2047L/90 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF2047L/90 Datasheet HTML 1Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 2Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 3Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 4Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 5Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 6Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 7Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 8Page - NXP Semiconductors BLF2047L/90 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 Dec 06
2
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF2047L
FEATURES
• High power gain
• Easy power control
• Excellent ruggedness
• Source on underside eliminates DC isolators, reducing
common mode inductance
• Designed for broadband operation (1.8 to 2 GHz)
• Internal input and output matching for high gain and
efficiency.
APPLICATIONS
• Common source class-AB operation for PCN and PCS
applications in the 1800 to 2000 MHz frequency range.
DESCRIPTION
Silicon N-channel enhancement mode lateral D-MOS
transistors encapsulated in a 2-lead SOT502A flange
package with a ceramic cap. The common source is
connected to the mounting flange.
PINNING
PIN
DESCRIPTION
1
drain
2
gate
3
source, connected to flange
handbook, halfpage
Top view
MBK394
1
2
3
Fig.1 Simplified outline SOT502A.
QUICK REFERENCE DATA
RF performance at Th =25 °C in a common source test circuit.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
η
D
(%)
dim
(dBc)
Two-tone, class-AB
f1 = 2000; f2 = 2000.1
26
65 (PEP)
>10.5
>30
≤−25
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDS
drain-source voltage
−
65
V
VGS
gate-source voltage
−±15
V
ID
DC drain current
−
9A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
200
°C
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com