Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1543045 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1543045
Description  SACC-FS-5CON-PG 9-M SCO - Connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1543045 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1543045 Datasheet HTML 1Page - PHOENIX CONTACT 1543045 Datasheet HTML 2Page - PHOENIX CONTACT 1543045 Datasheet HTML 3Page - PHOENIX CONTACT 1543045 Datasheet HTML 4Page - PHOENIX CONTACT 1543045 Datasheet HTML 5Page - PHOENIX CONTACT 1543045 Datasheet HTML 6Page - PHOENIX CONTACT 1543045 Datasheet HTML 7Page - PHOENIX CONTACT 1543045 Datasheet HTML 8Page - PHOENIX CONTACT 1543045 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Contact carrier material
PA
Material for screw connection
Nickel-plated brass
Connection data
Conductor connection
Connection method
Screw connection
0.25 mm² ... 0.75 mm² (without ferrule)
0.14 mm² ... 0.75 mm² (with ferrule)
Connection cross section
0.25 mm² ... 0.75 mm² (solid)
24 ... 18 (without ferrule)
Connection cross section AWG
26 ... 20 (with ferrule)
Stripping length of the individual wire
5 mm
0.4 Nm (M12 knurl)
0.2 Nm (Screw terminal blocks)
Tightening torque
0.8 Nm ... 1 Nm (Pressure screw with sleeve housing)
Electrical properties
Min. AWG, flexible, multi-strand
24
Rated surge voltage
1.5 kV
Contact resistance
≤ 8 mΩ
Insulation resistance
≥ 100 MΩ
48 V AC
Nominal voltage UN
60 V DC
Nominal current IN
4 A
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
≥ 100
Connector
Connection 1
Head design
Socket
Head cable outlet
straight
Head thread type
M12
Head locking type
SPEEDCON
Coding
A
Cable/line
Signal type/category
Universal
Stripping length of the individual wire
5 mm
Environmental and real-life conditions
Ambient conditions
SACC-FS-5CON-PG 9-M SCO - Connector
1543045
https://www.phoenixcontact.com/us/products/1543045
Jun 7, 2023, 4:33 AM
Page 3 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com