Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1543045 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1543045
Description  SACC-FS-5CON-PG 9-M SCO - Connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1543045 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1543045 Datasheet HTML 1Page - PHOENIX CONTACT 1543045 Datasheet HTML 2Page - PHOENIX CONTACT 1543045 Datasheet HTML 3Page - PHOENIX CONTACT 1543045 Datasheet HTML 4Page - PHOENIX CONTACT 1543045 Datasheet HTML 5Page - PHOENIX CONTACT 1543045 Datasheet HTML 6Page - PHOENIX CONTACT 1543045 Datasheet HTML 7Page - PHOENIX CONTACT 1543045 Datasheet HTML 8Page - PHOENIX CONTACT 1543045 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Connector, Universal, 5-position, Socket straight M12 SPEEDCON, A, Screw connection, knurl
material: Nickel-plated brass, cable gland Pg9, external cable diameter 6 mm ... 8 mm
Your advantages
Safe use in the field, thanks to a high degree of protection
•
Save time, thanks to installation with SPEEDCON fast locking system
•
Screw connection: proven connection technology for a large selection of different conductors
•
Commercial Data
Item number
1543045
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
BF30
Product Key
BF2CAA
Catalog Page
Page 20 (C-2-2017)
GTIN
4046356097598
Weight per Piece (including packing)
27 g
Weight per Piece (excluding packing)
26.5 g
Customs tariff number
85366990
Country of origin
DE
SACC-FS-5CON-PG 9-M SCO - Connector
1543045
https://www.phoenixcontact.com/us/products/1543045
Jun 7, 2023, 4:33 AM
Page 1 (13)


Similar Part No. - 1543045

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1543040000 WEIDMULLER-1543040000 Datasheet
408Kb / 7P
BVZ 7.62HP/05/180MF3 SN BK BX
More results

Similar Description - 1543045

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1681460 PHOENIX-1681460 Datasheet
158Kb / 4P
SACC-M12MS-5CON-PG 9-M
1542965 PHOENIX-1542965 Datasheet
147Kb / 9P
Connector - SACC-MS-5CON-PG 7-M SCO
09/11/2020
1542978 PHOENIX-1542978 Datasheet
144Kb / 9P
Connector - SACC-MS-5CON-PG 9-M SCO
09/11/2020
1543061 PHOENIX-1543061 Datasheet
152Kb / 9P
Connector - SACC-FR-5CON-PG 7-M SCO
09/11/2020
1542994 PHOENIX-1542994 Datasheet
564Kb / 14P
SACC-MR-5CON-PG 7-M SCO - Connector
1543003 PHOENIX-1543003 Datasheet
573Kb / 14P
SACC-MR-5CON-PG 9-M SCO - Connector
1543029 PHOENIX-1543029 Datasheet
566Kb / 15P
SACC-FS-4CON-PG 7-M SCO - Connector
1543032 PHOENIX-1543032 Datasheet
1Mb / 13P
SACC-FS-5CON-PG 7-M SCO - Connector
1542729 PHOENIX-1542729 Datasheet
2Mb / 14P
SACC-DSI-FS-5CON-PG 9/0,5 SCO - Device connector, rear mounting
1543414 PHOENIX-1543414 Datasheet
1Mb / 14P
SACC-FR-5CON-PG 9-M SCO - Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com