Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1543045 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 1543045
Description  SACC-FS-5CON-PG 9-M SCO - Connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1543045 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 1543045 Datasheet HTML 5Page - PHOENIX CONTACT 1543045 Datasheet HTML 6Page - PHOENIX CONTACT 1543045 Datasheet HTML 7Page - PHOENIX CONTACT 1543045 Datasheet HTML 8Page - PHOENIX CONTACT 1543045 Datasheet HTML 9Page - PHOENIX CONTACT 1543045 Datasheet HTML 10Page - PHOENIX CONTACT 1543045 Datasheet HTML 11Page - PHOENIX CONTACT 1543045 Datasheet HTML 12Page - PHOENIX CONTACT 1543045 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
A 0,25- 5 - Ferrule
3202465
https://www.phoenixcontact.com/us/products/3202465
Ferrule, length: 5 mm, color: silver
CRIMPFOX 6H - Crimping pliers
1212046
https://www.phoenixcontact.com/us/products/1212046
Crimping pliers, for ferrules without insulating collar according to DIN 46228 Part
1 and ferrules with insulating collar according to DIN 46228 Part 4, 0.14 mm2 ... 
 6 mm2, unlockable pressure lock, lateral entry
SACC-FS-5CON-PG 9-M SCO - Connector
1543045
https://www.phoenixcontact.com/us/products/1543045
Jun 7, 2023, 4:33 AM
Page 12 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com