Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1543045 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1543045
Description  SACC-FS-5CON-PG 9-M SCO - Connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1543045 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1543045 Datasheet HTML 1Page - PHOENIX CONTACT 1543045 Datasheet HTML 2Page - PHOENIX CONTACT 1543045 Datasheet HTML 3Page - PHOENIX CONTACT 1543045 Datasheet HTML 4Page - PHOENIX CONTACT 1543045 Datasheet HTML 5Page - PHOENIX CONTACT 1543045 Datasheet HTML 6Page - PHOENIX CONTACT 1543045 Datasheet HTML 7Page - PHOENIX CONTACT 1543045 Datasheet HTML 8Page - PHOENIX CONTACT 1543045 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Technical Data
Notes
General
NOTE: Observe the permissible bending radii when laying
conductors, since the degree of protection may be put in
jeopardy if the bending forces are too high. Alleviate mechanical
loads upstream of the connector, e.g. by using cable ties.
Mounting
Connection method
Screw connection
Product properties
Product type
Circular connector (cable-side)
Number of positions
5
Sensor type
Universal
No. of cable outlets
1
Shielded
no
Coding
A
Cable outlet
straight
Pg screw connection
Pg9
Insulation characteristics
Overvoltage category
II
Degree of pollution
3
Dimensions
Dimensional drawing
Length
54 mm
External dimensions
Outside diameter
6 mm ... 8 mm
Housing
Diameter housing
20 mm
Material specifications
Flammability rating according to UL 94
HB
Seal material
NBR
Material of grip body
PBT
Contact material
CuZn
Contact surface material
CuSnZn
SACC-FS-5CON-PG 9-M SCO - Connector
1543045
https://www.phoenixcontact.com/us/products/1543045
Jun 7, 2023, 4:33 AM
Page 2 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com