Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6256 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # HT6256
Description  HIGH TEMPERATURE 32K x 8 STATIC RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT6256 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  HT6256 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HT6256
4
DC ELECTRICAL CHARACTERISTICS
(1) Typical operating conditions: VDD= 5.0 V,TA=25
°C.
(2) Worst case operating conditions: VDD= 5.0 V
±10%, TA=-55°C to +225°C.
(3) All inputs switching. DC average current. External control of Chip Enable (CE)
is available only in other package options.
Operating Current vs. Frequency @ 225
°C
Cycle Times vs. Temperature
DUT
output
Valid low
output
Vref1
CL >50 pF*
249
Ω
Tester Equivalent Load Circuit
2.9 V
Valid high
output
Vref2
-
+
-
+
*CL = 5 pF for TWLQZ, TSHQZ, and TGHQZ
Read
Write
300
200
100
0
-100
15
20
25
30
Temperature (
°C)
Write
Read
25
20
15
10
5
0
0
10
20
30
40
50
60
70
Frequency (MHz)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T)
1
(
p
y
T
)
2
(
e
s
a
C
t
s
r
o
W
s
t
i
n
U
n
i
Mx
a
M
1
B
S
D
D
It
n
e
r
r
u
C
y
l
p
p
u
S
c
i
t
a
t
S
0
=
O
I
,
D
D
V
=
H
I
V
z
H
M
0
=
f
,
S
S
V
=
L
I
V
2
.
00
.
2
A
m
F
M
B
S
D
D
Id
e
t
c
e
l
e
s
e
D
—
t
n
e
r
r
u
C
y
l
p
p
u
S
y
b
d
n
a
t
S
,
0
=
O
I
,
D
D
V
=
S
C
N
z
H
M
0
4
=
f
2
.
00
.
2
A
m
W
P
O
D
D
I)
e
t
i
r
W
(
d
e
t
c
e
l
e
S
—
t
n
e
r
r
u
C
y
l
p
p
u
S
c
i
m
a
n
y
D
D
D
V
=
H
I
V
=
E
C
,
0
=
O
I
,
z
H
M
1
=
f
)
3
(
S
S
V
=
L
I
V
=
S
C
N
4
.
30
.
4
A
m
R
P
O
D
D
I)
d
a
e
R
(
d
e
t
c
e
l
e
S
—
t
n
e
r
r
u
C
y
l
p
p
u
S
c
i
m
a
n
y
D
D
D
V
=
H
I
V
=
E
C
,
0
=
O
I
,
z
H
M
1
=
f
)
3
(
S
S
V
=
L
I
V
=
S
C
N
8
.
20
.
4
A
m
I
It
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
ID
D
V
I
V
S
S
V5
-5
+A
µ
Z
O
It
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O
D
D
V
O
I
V
S
S
V
Z
h
g
i
h
=
t
u
p
t
u
O
0
1
-0
1
+A
µ
L
I
Ve
g
a
t
l
o
v
t
u
p
n
I
l
e
v
e
L
-
w
o
Ln
r
e
t
t
a
P
h
c
r
a
M7
.
1d
d
V
x
3
.
0V
H
I
Ve
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
-
h
g
i
hn
r
e
t
t
a
P
h
c
r
a
M2
.
3d
d
V
x
7
.
0V
L
O
Ve
g
a
t
l
o
v
t
u
p
t
u
O
l
e
v
e
L
-
w
o
L
A
m
0
1
=
L
O
I
,
V
5
.
4
=
D
V)
S
O
M
C
(
A
µ
0
0
2
=
O
I
,
V
5
.
4
=
D
D
V
3
.
0
5
0
0
.
0
4
.
0
5
0
.
0
V
V
H
O
Ve
g
a
t
l
o
V
t
u
p
t
u
O
l
e
v
e
L
-
h
g
i
H
A
m
5
-
=
H
O
I
,
V
5
.
4
=
D
D
V
A
µ
0
0
2
-
=
H
O
I
,
V
5
.
4
=
D
D
V
3
.
4
5
.
4
2
.
4
5
0
.
0
-
d
d
V
V
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com