Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6256 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HT6256
Description  HIGH TEMPERATURE 32K x 8 STATIC RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT6256 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HT6256 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HT6256
2
SIGNAL DEFINITIONS
A: 0-14
Address input pins which select a particular eight-bit word within the memory array.
DQ: 0-7
Bidirectional data pins which serve as data outputs during a read operation and as data inputs during a write
operation.
NCS
Negative chip select, when at a low level allows normal read or write operation. When at a high level NCS
forces the SRAM to a precharge condition, holds the data output drivers in a high impedance state and
disables all input buffers. If this signal is not used it must be connected to VSS.
NWE
Negative write enable, when at a low level activates a write operation and holds the data output drivers in
a high impedance state. When at a high level NWE allows normal read operation.
NOE
Negative output enable, when at a high level holds the data output drivers in a high impedance state. When
at a low level, the data output driver state is defined by NCS and NWE. If this signal is not used it must be
connected to VSS.
CE*
External control of Chip Enable is an extra feature available only in other package options. Chip enable, when
at a high level allows normal operation. When at a low level CE forces the SRAM to a precharge condition,
holds the data output drivers in a high impedance state and disables all the input buffers except the NCS input
buffer. If this signal is not used it must be connected to VDD.
TRUTH TABLE
Notes:
X: VI=VIH or VIL
XX: VSS
≤VI≤VDD
NOE=H: High Z output state maintained for
NCS=X, CE=X, NWE=X
FUNCTIONAL DIAGRAM
NCS
CE*
NWE
NOE
MODE
DQ
L
H
H
L
Read
Data Out
L
H
L
X
Write
Data In
H
X
XX
XX
Deselected
High Z
X
L
XX
XX
Disabled
High Z
NCS
A:0-8,12-13
CE*
NWE
NOE
WE • CS • CE
NWE • CS • CE • OE
Column Decoder
Data Input/Output
Row
Decoder
32,768 x 8
Memory
Array
A:9-11, 14
#
Signal
All controls must be
enabled for a signal to
pass. (#: number of
buffers, default = 1)
1 = enabled
Signal
4
DQ:0-7
(0 = high Z)
•
•
•
•
•
•
8
8
11



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com