Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6256 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HT6256
Description  HIGH TEMPERATURE 32K x 8 STATIC RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT6256 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HT6256 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HIGH TEMPERATURE 32K x 8 STATIC RAM
HT6256
• Specified Over -55 to +225
°C
• Fabricated with HTMOS™ IV Silicon on Insulator (SOI)
• Read/Write Cycle Times
≤ 50 ns Support 20 MHz Clock
• Asynchronous Operation
• CMOS Input/Output Buffers
• Single 5 V
± 10% Power Supply
• Hermetic 28-Lead Ceramic DIP
• Down-Hole Oil Well
• Avionics
• Turbine Engine Control
• Industrial Process Control
• Nuclear Reactor
• Electric Power Conversion
• Heavy Duty Internal Combustion Engines
APPLICATONS
HTMOSTM High Temperature Products
The 32K x 8 High Temperature Static RAM is a high
performance 32,768 word x 8-bit static random access
memory with industry-standard functionality. It is fabri-
cated with Honeywell’s HTMOS™ technology, and is
designed for use in systems operating in severe high
temperature environments.
The RAM requires only a single 5 V
± 10% power supply
and has CMOS compatible I/O. Power consumption is
typically less than 30 mW/MHz in operation, and less than
10 mW when de-selected. The RAM read operation is fully
asynchronous, with an associated typical access time of
50 ns at 5 V.
The RAM provides guaranteed performance over the full
-55 to +225
°C temperature range. Typically, parts will
operate up to +300
°C for a year, with derated perfor-
mance. All parts are burned in at 250
°C to eliminate infant
mortality.
GENERAL DESCRIPTION
FEATURES
PACKAGE PINOUT
VDD
NWE
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Top
View
Solid State Electronics Center • 12001 State Highway 55, Plymouth, MN 55441 • (800) 323-8295 • http://www.ssec.honeywell.com


Similar Part No. - HT6256

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6207 HOLTEK-HT6207 Datasheet
130Kb / 11P
318 Series of Encoders
April 24, 2000
HT6207 HOLTEK-HT6207 Datasheet
155Kb / 12P
3(18) Series of Encoders
July 8, 1999
HT6207 HOLTEK-HT6207 Datasheet
168Kb / 15P
318 Series of Encoders
January 24, 2003
HT62104 HOLTEK-HT62104 Datasheet
2Mb / 14P
Infrared Remote Encoder
logo
Hi-trend Technology (Sh...
HT6215 HITREND-HT6215 Datasheet
1Mb / 161P
HT6X1X User Manual
Rev1.9 2016-03-23
More results

Similar Description - HT6256

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
32K x 8 Static RAM
January 7, 2003
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
32K x 8 Static RAM
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
32K x 8 Static RAM
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
32K x 8 Static RAM
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
32K x 8 Static RAM
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
32K x 8 STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com