Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6256 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # HT6256
Description  HIGH TEMPERATURE 32K x 8 STATIC RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT6256 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  HT6256 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT6256 Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
HT6256
READ CYCLE AC TIMING CHARACTERISTICS (1)
(1) Test conditions: input switching levels VIL/VIH=0.5V/VDD-0.5V, input rise and fall times <1 ns/V, input and output timing reference levels
shown in the Tester AC Timing Characteristics table, capacitive output loading C
L >50 pF, or equivalent capacitive output loading CL=5 pF for
TSHQZ and TGHQZ. For C
L >50 pF, derate access times by 0.02 ns/pF (typical).
(2) Typical operating conditions: VDD=5.0 V, TA=25
°C.
(3) Worst case operating conditions: VDD=4.5 V to 5.5 V, -55 to 225
°C.
(4) External control of Chip Enable (CE) is available only in other package options.
Symbol
Parameter
Typical (2)
Worst Case (3)
Units
Min
Max
TAVAVR
Address Read Cycle Time
50
ns
TAVQV
Address Access Time
50
ns
TAXQX
Address Change to Output Invalid Time
3
ns
TSLQV
Chip Select Access Time
50
ns
TSLQX
Chip Select Output Enable Time
5
ns
TSHQZ
Chip Select Output Disable Time
20
ns
TGLQV
Output Enable Access Time
15
ns
TGLQX
Output Enable Output Enable Time
0
ns
TGHQZ
Output Enable Output Disable Time
15
ns
TEHQV
Chip Enable Output Access Time (4)
17
25
ns
TEHQX
Chip Enable Output enable Time (4)
10
5
ns
TELQZ
Chip Enable Output Disable Time (4)
4
10
ns
HIGH
IMPEDANCE
NCS
NOE
DATA VALID
CE
TAVAVR
TAVQV
TAXQX
TSLQV
TSLQX
TSHQZ
TEHQX
TEHQV
TGLQX
TGLQV
TGHQZ
TELQZ
ADDRESS
(NWE = high)
DATA OUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com