Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLC Datasheet(PDF) 3 Page - ITT Industries

Part # SLC
Description  Snap/Clip-Lock Environmentally Sealed - Circular
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLC Datasheet(HTML) 3 Page - ITT Industries

  SLC Datasheet HTML 1Page - ITT Industries SLC Datasheet HTML 2Page - ITT Industries SLC Datasheet HTML 3Page - ITT Industries SLC Datasheet HTML 4Page - ITT Industries SLC Datasheet HTML 5Page - ITT Industries SLC Datasheet HTML 6Page - ITT Industries SLC Datasheet HTML 7Page - ITT Industries SLC Datasheet HTML 8Page - ITT Industries SLC Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
6
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
The Snap Lock Environmental Series is
environmentally sealed connector created for printed
circuit board, black box, cable-to-cable or bulkhead
applications.
When your under-the-hood requirements call for
tough performance, the SLC "snaps" into a tightly
sealed connection that can withstand heat, shock and
vibration. The connector is designed to preserve the
integrity of the solid state package, while protecting
against contaminants - even when unmated.
Gold, tin/lead plated stamped contacts add durability.
A rugged, thermoplastic receptacle body maximizes
performance by withstanding temperature variances
from -40°C to +150°C (material rating).
The SLC series is available in 2, 5, 8, 10, 15 contact
cavity configurations. It can also be adapted to
robotics assembly. Should you requirement demand
higher density configurations, consult Customer
Service.
· Superior environmental sealing
· Material rating: -40°C to +150°C continuous
operation at rated current
· Available in sizes 2, 5, 8, 10, 15 contacts
· Crimp stamped gold, tin/lead plated contacts
· Hand insertable/removable contacts
· Current rating 5 A and 13 A versions
· Low millivolt drop
· Low contact resistance
· Small footprint on P.C. board and low profile
· Adaptable to robotics assembly
· Latch with tactile and audible feedback
· Increases durability and provides for minimum
installation
· Low installed cost
· Requires less PCB space
Contact Resistance
Insulation Resistance
Current Rating
Dielectric Withstanding Voltage
Applicable Cannon Specification
Material Rating Operating Temperature
Crimp Contacts
Wire Size
Wire Insulation Sealing Range
Contact Insertion
Contact Extraction
Contact Retention
Wire Strip Length
10m
Ω maximum
20M
Ω minimum (USCAR)
5 A signal continuous at 150°C all contacts, 2 position
13 A power continuous at 150°C all contacts, 5 position and 10 position only
1000 Vrms AC at sea level
SLC (CS-206) SLCT 5 & 10 (210) SLCT8 (216) SLCT 15 (206)
-40°C to +150°C
Semi-automatic or hand crimpable or fully automatic
20 - 16 AWG
1,98 (.078) to 3,30 (.130) dia.
No tool required. Suitable for automation.
Rear Removable
20 lbs. Minimum per contact
5,59 (.220) to 5,33 (.210)
Connector Housing
Contacts
Finish
Environmental Seal
High temperature thermoplastic
Copper alloy
Engaging area: Gold over nickel
Crimp/P.C. tail area: Tin/lead over nickel - standard offering
Tin/Lead over nickel - Option #2 all over
High temperature silicone elastomer
Snap/Clip-Lock Environmentally Sealed - Circular
Cannon SLC/SLC-T/CLC
Product Features and Benefits
Performance Specifications
Materials and Finishes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com