Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLC Datasheet(PDF) 8 Page - ITT Industries

Part # SLC
Description  Snap/Clip-Lock Environmentally Sealed - Circular
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLC Datasheet(HTML) 8 Page - ITT Industries

Back Button SLC Datasheet HTML 4Page - ITT Industries SLC Datasheet HTML 5Page - ITT Industries SLC Datasheet HTML 6Page - ITT Industries SLC Datasheet HTML 7Page - ITT Industries SLC Datasheet HTML 8Page - ITT Industries SLC Datasheet HTML 9Page - ITT Industries SLC Datasheet HTML 10Page - ITT Industries SLC Datasheet HTML 11Page - ITT Industries SLC Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
11
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
In-line Receptacle* (Mates with SLC Type P)
Size
Rating
Part Number
Description
A
ØB
C Ref.
5
5 A
098531-0000
SLC-5B5-00
24,13 (.950)
18,03 (.710)
24,38 (.960)
5
13 A
098531-0001
SLC-5B13-00
23,75 (.935)
18,03 (.710)
24,38 (.960)
10
5 A
098531-0002
SLC-10B5-00
31,24 (1.230)
25,15 (.990)
31,62 (1.245)
10
13 A
098531-0003
SLC-10B13-00
30,86 (1.215)
25,15 (.990)
31,62 (1.245)
*PCB Contacts are factory installed.
Front-Face View
5 Cavity Housing
Front-Face View
10 Cavity Housing
Side View
In-Line Receptacle
With PCB Contacts
Snap/Clip-Lock Environmentally Sealed - Circular
Receptacle, PCB* (Type B) SLC-5, SLC-10
Cannon SLC/SLC-T/CLC
Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com