Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLC Datasheet(PDF) 4 Page - ITT Industries

Part # SLC
Description  Snap/Clip-Lock Environmentally Sealed - Circular
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLC Datasheet(HTML) 4 Page - ITT Industries

  SLC Datasheet HTML 1Page - ITT Industries SLC Datasheet HTML 2Page - ITT Industries SLC Datasheet HTML 3Page - ITT Industries SLC Datasheet HTML 4Page - ITT Industries SLC Datasheet HTML 5Page - ITT Industries SLC Datasheet HTML 6Page - ITT Industries SLC Datasheet HTML 7Page - ITT Industries SLC Datasheet HTML 8Page - ITT Industries SLC Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
7
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Plug
Receptacle
Snap/Clip-Lock Environmentally Sealed - Circular
Contact Cavity Arrangements - Mating Face View
Cannon SLC/SLC-T/CLC
2 Way
15 Way
10 Way
8 Way
5 Way
2 Way
8 Way
5 Way
15 Way
10 Way
12
1
5
4
3
2
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
9
10
1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
21
3
4
5
1
2
2
1
7
6
5
4
3
8
1
2
3
4
5
6
7
8
9
10
1
15
14
13
12
11
10
9
8
7
6
5
4
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com