Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLC Datasheet(PDF) 5 Page - ITT Industries

Part # SLC
Description  Snap/Clip-Lock Environmentally Sealed - Circular
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLC Datasheet(HTML) 5 Page - ITT Industries

  SLC Datasheet HTML 1Page - ITT Industries SLC Datasheet HTML 2Page - ITT Industries SLC Datasheet HTML 3Page - ITT Industries SLC Datasheet HTML 4Page - ITT Industries SLC Datasheet HTML 5Page - ITT Industries SLC Datasheet HTML 6Page - ITT Industries SLC Datasheet HTML 7Page - ITT Industries SLC Datasheet HTML 8Page - ITT Industries SLC Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
8
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Front-Face View
5 Cavity Housing
Side View
Plug Assembly
Front-Face View
10 Cavity Housing
In-line Plug* (Mates with SLC types R, T, and B)
Housing Size
Rating
Part Number
Description
A
ØB
5
5 A
098532-0011
SLC-5P5-00
27,81 (1.095)
18,03 (.710)
5
13 A
098532-0001
SLC-5P13-00
26,80 (1.055)
18,03 (.710)
10
5 A
098532-0002
SLC-10P5-00
34,92 (1.375)
24,15 (.990)
10
13 A
098532-0003
SLC-10P13-00
34,04 (1.340)
25,15 (.990)
*Contact lead assemblies are customer terminated and installed. See page 14, part numbers 110238-0488, 110238-2003.
Snap/Clip-Lock Environmentally Sealed - Circular
Plug, In-line* (Cable-to-Cable) (Type P) SLC-5, SLC-10
Cannon SLC/SLC-T/CLC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com