Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6602UE9A+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6602UE9A+
Description  Five-Channel Precision Temperature Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6602UE9A+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6602UE9A+ Datasheet HTML 7Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 8Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 9Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 10Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 11Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 12Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 13Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 14Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
In both cases, the alert is cleared even if the fault condi-
tion exists, but the ALERT output reasserts at the end of
the next conversion. The bits indicating the fault for the
OVERT interrupt output clear only on reading the status 2
register even if the fault conditions still exist. Reading the
status 2 register does not clear the OVERT interrupt out-
put. To eliminate the fault condition, either the measured
temperature must drop below the temperature threshold
minus the hysteresis value (4°C), or the trip temperature
must be set at least 4°C above the current temperature.
Five-Channel Precision Temperature Monitor
______________________________________________________________________________________
11
REGISTER
ADDRESS
(hex)
POR STATE
(hex)
READ/
WRITE
DESCRIPTION
Local
07
00
R
Read local temperature register
Remote 1
01
00
R
Read channel 1 remote temperature register
Remote 2
02
00
R
Read channel 2 remote temperature register
Remote 3
03
00
R
Read channel 3 remote temperature register
Remote 4
04
00
R
Read channel 4 remote temperature register
Configuration 1
41
00
R/W
Read/write configuration register 1
Configuration 2
42
00
R/W
Read/write configuration register 2
Configuration 3
43
00
R/W
Read/write configuration register 3
Status1
44
00
R
Read status register 1
Status2
45
00
R
Read status register 2
Status3
46
00
R
Read status register 3
Local ALERT High Limit
17
5A
R/W
Read/write local alert high-temperature threshold limit register
Remote 1 ALERT High Limit
11
6E
R/W
Read/write channel 1 remote-diode alert high-temperature
threshold limit register
Remote 2 ALERT High Limit
12
7F
R/W
Read/write channel 2 remote-diode alert high-temperature
threshold limit register
Remote 3 ALERT High Limit
13
64
R/W
Read/write channel 3 remote-diode alert high-temperature
threshold limit register
Remote 4 ALERT High Limit
14
64
R/W
Read/write channel 4 remote-diode alert high-temperature
threshold limit register
Remote 1 OVERT High Limit
21
6E
R/W
Read/write channel 1 remote-diode overtemperature threshold
limit register
Remote 4 OVERT High Limit
24
7F
R/W
Read/write channel 4 remote-diode overtemperature threshold
limit register
Remote 1 Extended
Temperature
09
00
R
Read channel 1 remote-diode extended temperature register
Manufacturer ID
0A
4D
R
Read manufacturer ID
Table 3. Command Byte Register Bit Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com