Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6602UE9A+ Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX6602UE9A+
Description  Five-Channel Precision Temperature Monitor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6602UE9A+ Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX6602UE9A+ Datasheet HTML 8Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 9Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 10Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 11Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 12Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 13Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 14Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 15Page - Maxim Integrated Products MAX6602UE9A+ Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Five-Channel Precision Temperature Monitor
12
______________________________________________________________________________________
Table 6. Configuration 3 Register
BIT
NAME
POR
STATE
FUNCTION
7 (MSB)
Reserved
0
—
6
Reserved
0
—
5
Reserved
0
—
4
Reserved
0
—
3
Mask OVERT 4
0
Channel 4 Remote-Diode OVERT Mask Bit. Set to logic 1 to mask channel 4
OVERT.
2
Reserved
0
—
1
Reserved
0
—
0
Mask OVERT 1
0
Channel 1 Remote-Diode OVERT Mask Bit. Set to logic 1 to mask channel 1
OVERT.
BIT
NAME
POR
STATE
FUNCTION
7 (MSB)
STOP
0
Standby Mode Control Bit. If STOP is set to logic 1, the MAX6602 stops
converting and enters standby mode.
6POR
0
Reset Bit. Set to logic 1 to put the device into its power-on state. This bit is self-
clearing.
5
TIMEOUT
0
Timeout Enable Bit. Set to logic 0 to enable SMBus timeout.
4
Fast remote 1
0
Channel 1 Fast Conversion Bit. Set to logic 1 to enable fast conversion of
channel 1.
3
Resistance
cancellation
0
Resistance Cancellation Bit. When set to logic 1, the MAX6602 cancels series
resistance in the channel 1 thermal diode.
2
Reserved
0
—
1
Reserved
0
—
0
Reserved
0
—
Table 4. Configuration 1 Register
Table 5. Configuration 2 Register
BIT
NAME
POR
STATE
FUNCTION
7 (MSB)
Reserved
0
—
6
Mask Local ALERT
0
Local Alert Mask. Set to logic 1 to mask local channel ALERT.
5
Reserved
0
—
4
Reserved
0
—
3
Mask ALERT 4
0
Channel 4 Alert Mask. Set to logic 1 to mask channel 4 ALERT.
2
Mask ALERT 3
0
Channel 3 Alert Interrupt Mask. Set to logic 1 to mask channel 3 ALERT.
1
Mask ALERT 2
0
Channel 2 Alert Mask. Set to logic 1 to mask channel 2 ALERT.
0
Mask ALERT 1
0
Channel 1 Alert Mask. Set to logic 1 to mask channel 1 ALERT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com